PART |
Description |
Maker |
SST30VR041 SST30VR041-150-C-U1 SST30VR041-500-C-WH |
4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo 4兆位光盘1兆位/ 256千位的SRAM ROM / RAM内存组合
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc. SST[Silicon Storage Technology, Inc]
|
LC895127 LC895127K |
40× CD-ROM Decoder with SCSI Interface(带SCSI接口0倍CD-ROM译码 40 ×CD - ROM SCSI接口(带的SCSI接口0倍速的CD - ROM译码器解码器 40 x CD-ROM Decoder with SCSI Interface CMOS IC
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
YD5954 |
AUTUATOR DRIVER WITH CURRENT FEEDBACK FOR CD-ROM/DVD AUTUATOR驱动器,CD-ROM/DVD电流反馈
|
List of Unclassifed Manufacturers ETC[ETC]
|
ST7MDT20-DVP3 ST7SB20J/UK ST7MDT20-T32/DVP ST7MDT2 |
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE 8K的闪 ROM,模数转换器个计时器,SPI和SCI接口控制
|
意法半导 STMicroelectronics N.V.
|
BD7904FS |
5ch Power Driver for CD-ROM, DVD-ROM
|
Rohm
|
BD7903FS |
5CH Power Driver for CD-ROM, DVD-ROM
|
Rohm
|
BC41B143A05-IRK-E4 BC41B143A-DS-001PE |
BlueCpre 4-ROM Single Chip Bluetooth v2.0 System with EDR BlueCpre 4 - ROM单芯片蓝牙v2.0系统与EDR Blue Core ROM
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. CSR
|
ST72321BAR7 ST72321BAR9 ST72321BJ6 ST72321BJ9 ST72 |
ST72321B - 64/44-PIN. 8-BIT MCU WITH 32 TO 60K FLASH/ROM.FIVE TIMERS. SPI. SCI. I2C INTERFACE ST72321B - 64/44-PIN8位微控制2点,0,000闪存/ ROM.FIVE定时器。的SPI。脊髓损伤I2C接口
|
NXP Semiconductors N.V.
|
S5L9250B |
The CD-ROM 48X 1 chip receives the input signal read from the CD-DA/VIDEO-CD/CD-ROM disc after handling by the RF amplifier.
|
Samsung semiconductor
|
BA5811FM |
5 Channel Driver for CD/CD-ROM Optical Disc LSIs > Motor/Actuator driver > CD/CD-ROM driver(5ch,6ch)
|
ROHM
|
BA5944FP |
Optical Disc LSIs > Motor/Actuator driver > CD/CD-ROM driver(1ch-3ch) BTL Driver IC for CD-ROM
|
ROHM[Rohm]
|
UPD703100AGJ-33-UEN UPD703100GJ-33-UEN UPD703101AG |
ROM-less version; Internal RAM: 4K bytes Mask ROM version; Mask ROM: 96K bytes; Internal RAM: 4K bytes Mask ROM version; Mask ROM: 128K bytes; Internal RAM: 4K bytes Flash version; Internal flash: 128K bytes; Internal RAM: 4K bytes 32-bit RISC microcontroller (V850E/MS2:ROMless,Internal RAM: 4 KB)
|
NEC
|