PART |
Description |
Maker |
FSPYC260D1 FSPYC260F FSPYC260F4 FN4850 FSPYC260R4 |
From old datasheet system Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs(抗辐N沟道MOS场效应管) 抗辐射,抗SEGR N沟道功率MOSFET(抗辐射沟道马鞍山场效应管) Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 58 A, 200 V, 0.031 ohm, N-CHANNEL, Si, POWER, MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
IRHM93130 IRHM9130 IRHM9130-15 |
Simple Drive Requirements RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA) RADIATION HARDENED POWER MOSFET / 100V, P-CHANNEL -100V 300kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-254AA package
|
IRF[International Rectifier]
|
5962F9671501VCC 5962F9671501VXC ACTS125MS ACTS125H |
Radiation Hardened Quad Buffer/ Three-State Radiation Hardened Quad Buffer Three-State From old datasheet system Radiation Hardened Quad Buffer, Three-State 辐射加固四缓冲,三 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 辐射加固四缓冲,三
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HCTS393MS HCTS393KMSR HCTS393K HCTS393HMSR HCTS393 |
Radiation Hardened Dual 4-Input NOR Gate Test Bus Controllers 68-CPGA -55 to 125 Test Bus Controllers 68-CFP -55 to 125 Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Dual 4-Stage Binary Counter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
FSYC260R4 FSYC260D FSYC260D1 FSYC260D3 FSYC260R FS |
Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 46 A, 200 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 抗辐射,抗SEGR N沟道功率MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HS9-4423BRH HS9-4423BRH-8 HS-4423BRH HS9-4423BRH-Q |
Radiation Hardened Dual, Inverting Power MOSFET Drivers 2 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, CDFP16 Radiation Hardened Dual/ Inverting Power MOSFET Drivers
|
Intersil, Corp. Intersil Corporation
|
HCTS374D HCTS374DMSR HCTS374HMSR HCTS374K HCTS374K |
From old datasheet system Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered Radiation Hardened Octal Transparent Latch/ Three-State
|
INTERSIL[Intersil Corporation]
|
5962-04238 5962-04239 5962-04240 5962-04241 5962-0 |
10W Total Output Power 28 Vin 3.3 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04238 10W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04239 10W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04240 10W Total Output Power 28 Vin 15 Vout Single DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04241 10W Total Output Power 28 Vin /-5 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04242 10W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04243 10W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a S Package. DLA Number 5962-04244
|
International Rectifier
|
FSYA150R4 FSYA150D FSYA150D1 FSYA150D3 FSYA150R FS |
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 39 A, 100 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IRHM57264SE |
250V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-254AA package RADIATION HARDENED POWER MOSFET THRU-HOLE
|
IRF[International Rectifier]
|
IRHF7110 IRHF8110 IRHF3110 IRHF4110 IRHF4110NBSP |
RADIATION HARDENED POWER MOSFET THRU-HOLE 抗辐射功率MOSFET的通孔 From old datasheet system 100V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package
|
IRF[International Rectifier]
|