PART |
Description |
Maker |
IDT74ALVCH162334 |
3.3V CMOS 16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74H16501PA IDT74H16501PV IDT74ALVCH16501 IDT74A |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT Integrated Device Technology
|
IDT74ALVCH16835 74ALVCH16835_DS_49678 |
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT
|
IDT74ALVCH16409 74ALVCH16409_DS_88463 |
3.3V CMOS 9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT
|
IDT74FCT162H272CTPA IDT74FCT162H272CTPAB IDT74FCT1 |
FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER FCT SERIES, 12-BIT EXCHANGER, TRUE OUTPUT, CDFP56 FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER FCT SERIES, 12-BIT EXCHANGER, TRUE OUTPUT, PDSO56 FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER 快速CMOS 12位同步总线交换 CAP 47UF 6V 10% TANT SMD-7343-31 TR-7-PL SN100% LOWESR-220 CAP 4.7UF 35V 20% TANT SMD-7343-31 TR-7-PL SN/PB5% LOWESR-700
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT74LVC16601APA IDT74LVC16601APV IDT74LVC16601A I |
3.3V CMOS 18-Bit Universal Bus Transceiver with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O
|
IDT[Integrated Device Technology]
|
IDT74LVCH16601A |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER
|
IDT
|
IDT74GTLP16612 IDT74GTLP16612PA IDT74GTLP16612PV I |
CMOS 18-BIT TTL/GTLP UNIVERSAL BUS TRANSCEIVER
|
IDT Integrated Device Technology
|
74VCXR162601 74VCXR162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列的输出电阻 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs ALVC/VCX/A SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|