PART |
Description |
Maker |
ICS9248-87 ICS9248YF-87 ICS9248YF-87LF AV9248F-87 |
Frequency generator and integrated buffer for Celeron and PII/III 150 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48 16-Bit Transparent D-Type Latches With 3-State Outputs 48-TSSOP -40 to 85 810E Single Chip Clock, Supports 66 - 155MHz (P) Frequency Generator & Integrated Buffers for Celeron & PII/III⑩ Frequency Generator & Integrated Buffers for Celeron & PII/III?
|
Integrated Device Technology, Inc. ICST[Integrated Circuit Systems] Integrated Circuit Syst...
|
ICS9248-141 ICS9248YF-141-T |
AMD - K7?System Clock Chip AMD - K7⑩ System Clock Chip AMD K7 System Clock with up to 166MHz Processor Support AMD - K7 System Clock Chip Frequency Generator & Integrated Buffers 166.66 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] Integrated Device Technology, Inc.
|
ICS9248-66 ICS9248YF-66 ICS9248YF-66LF |
133.3 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 SSOP-48 Frequency Timing Generator for PENTIUM II Systems 820 Single Chip Clock, Supports 100 - 133MHz
|
Integrated Device Technology, Inc. ICST[Integrated Circuit Systems]
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
ICS9248-153 ICS9248YF-163-T ICS9248-163 ICS9248F-1 |
AMD-K7 system clock chip AMD K7 System Clock with up to 166MHz Processor Support AMD - K7 System Clock Chip Frequency Generator & Integrated Buffers 166.66 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48
|
ICS Integrated Circuit Systems Integrated Device Technology, Inc.
|
ICS9248-114 ICS9248YF-114-T AV9248F-114-T |
AMD-K7 system clock chip AMD - K7⑩ System Clock Chip AMD - K7 System Clock Chip AMD - K7System Clock Chip AMD公司- k7的⑩系统时钟芯片
|
ICST[Integrated Circuit Systems] Integrated Device Technology, Inc.
|
RTL8201CP RTL8201CP-VD-LF RTL8201CP-LF |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover) SINGLE-CHIP/SINGLE-PORT0/100M快速以太网PHYCEIVER(自动交叉)
|
Electronic Theatre Controls, Inc.
|
ICS9148-25 |
430TX Single Chip Clock, Supports up to 83.3MHz
|
ICS
|
ICS9148-08 |
Single Chip, Aladdin IV Clock with up to 83.3MHz From old datasheet system
|
ICS
|
ICS9250-37 |
P4 Single Chip Clock, w/ 4 Differential Pairs w/ I2C & Over Clocking (P)
|
ICS
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|