PART |
Description |
Maker |
ICS9248-171 ICS9248YF-171-T ICS9248YG-171-T ICS924 |
133.33 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48 Single Chip, System Clock for K7/1647 Chipset up to 147MHz; SDRAM Clocks AMD - K7TM System Clock Chip
|
Integrated Device Technology, Inc. ICST[Integrated Circuit Systems]
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
CY28341-2 CY28341OC-2 CY28341ZC-2 |
Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems 通用时钟芯片的威盛P4M/KT/KM400的DDR系统 Universal Single Chip Clock Solution for VIA P4M266/KM266 DDR Systems
|
Cypress Semiconductor Corp.
|
CY28347ZCT CY28347OC |
Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems 200 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56 HDC-HA-48-SVL1/29 RoHS Compliant: Yes
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY28341 CY28341ZC CY28341OC |
CONN PLUG HOUSING SIZE 9 UPPER Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems 200 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CAT33C108SI CAT33C108SI-TE13 CAT33C108K-TE13 CAT33 |
Clock Generator for Intel® Alviso Chipset 200-MHz Differential Clock Buffer/Driver 微型导线串行EEPROM Clock Synthesizer with Differential CPU Outputs 微型导线串行EEPROM Clock Generator for Intel® Alviso Chipset Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
|
Abracon, Corp.
|
ICS9147-22 ICS9147F-22 |
Pentium-ProTM System and Cyrix Clock Chip Pentium-ProTM System and Cyrix⑩ Clock Chip Pentium/ProTM System and Cyrix Clock Chip Pentium/ProTM System Clock Chip High-Performance Impact-X<TM> PAL(R) Circuits 28-PLCC 0 to 75 Pentium/ProTM System and Cyrix? Clock Chip
|
ICST[Integrated Circuit Systems] Integrated Device Technology
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
RTL8201CP RTL8201CP-VD-LF RTL8201CP-LF |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover) SINGLE-CHIP/SINGLE-PORT0/100M快速以太网PHYCEIVER(自动交叉)
|
Electronic Theatre Controls, Inc.
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
ICS951702 |
PIII?/a> System Clock Chip for DDR SDRAM From old datasheet system Single Chip, Tualatin/ALI1644T/DDR
|
Integrated Device Technology ICS
|