PART |
Description |
Maker |
ICS94215 ICS94215YF-T |
Programmable System Clock Chip for AMD - K7⑩ Processor KX/KT133 Single Chip Clock with differential CPU Clocks Programmable System Clock Chip for AMD - K7 Processor
|
ICST[Integrated Circuit Systems]
|
ICS94228 ICS94228YFLF-T |
Programmable System Clock Chip for AMD - K7⑩ processor VIA KT-266 Single Chip Clock Supporting AMD K7 Programmable System Clock Chip for AMD - K7 processor
|
ICST[Integrated Circuit Systems]
|
ICS94258 |
Single Chip, System Clock for PIII/1651 Chipset; SDRAM Clocks with I2C Programmability with Early PCI Clock
|
ICS
|
CY28341-2 CY28341OC-2 CY28341ZC-2 |
Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems 通用时钟芯片的威盛P4M/KT/KM400的DDR系统 Universal Single Chip Clock Solution for VIA P4M266/KM266 DDR Systems
|
Cypress Semiconductor Corp.
|
UT69151GBXD UT69151WBCR UT69151GBA4 UT69151GBAD UT |
Advanced 6-issue risc86 superscalar microarchitecture processor Type: GDDR3; GPU Clock (MHz): 590; Memory Clock (MHz): 500; Stream Processing Units: 4 pixel shaders, 2 vertex shaders; ATI CrossFireX Ready Ethernet CTLR Single Chip 10Mbps/100Mbps 3.3V/3.3V/3.3V 160-Pin PQFP Tray ETHERNET:MEDIA ACCESS CONTROLLER (MAC) Elansc400 single-chip, low-power, PC/AT-compatible microcontroller 接口IC Interface IC 接口IC
|
Golledge Electronics, Ltd. Vectron International, Inc.
|
ICS9248-172 ICS9248YF-172LF-T |
133.33 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48 Single Chip, System Clock for PIII/1651 Chipset up to 147MHz; SDRAM Clocks
|
Integrated Device Technology, Inc. ICS
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
MC10H641FNR2G |
Single Supply PECL to TTL 1:9 Clock Distribution Chip 10H SERIES, LOW SKEW CLOCK DRIVER, 9 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQCC28
|
ON Semiconductor
|
ICS9248-110 ICS9248YF-110 ICS9248YF-110LF |
K7; 750/760; System Clock Chip: 90 - 150MHz CPU AMD-K7TM System Clock Chip Frequency Generator & Integrated Buffers 115 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] Integrated Device Technology, Inc.
|
ICS9250-16 ICS9250YF-16-T |
150 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56 0.300 INCH, SSOP-56 DS3/E3/STS-1 Transformer CK810E Single Chip Clock, Supports 66 - 150MHz Frequency Generator & Integrated Buffers for Celeron & PII/III⑩
|
Integrated Device Technology, Inc. ICST[Integrated Circuit Systems]
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|