PART |
Description |
Maker |
DS2506 |
64k Bit Add-Only Memory
|
Dallas
|
DS2505 DS2505P DS2505PT DS2505PTR DS2505T DS2505TR |
16kb Add-Only Memory 16-kbit Add-Only Memory
|
MAXIM - Dallas Semiconductor Dallas Semiconducotr DALLAS[Dallas Semiconductor]
|
AT29C1024-70 AT29C1024-15 AT29C1024-12TC AT29C1024 |
8-Bit Shift Registers With 3-State Output Registers 16-SOIC -55 to 125 8-Bit Shift Registers With 3-State Output Registers 16-SSOP -55 to 125 1 Megabit 64K x 16 5-volt Only CMOS Flash Memory 1兆位64K的16 5伏只有闪存的CMOS 1 Megabit 64K x 16 5-volt Only CMOS Flash Memory 64K X 16 FLASH 5V PROM, 70 ns, PQCC44
|
Atmel Corp. Atmel, Corp. Electronic Theatre Controls, Inc.
|
EN29F512 EN29F512-55TCP EN29F512-55TC EN29F512-45J |
512 Kbit (64K x 8-bit) 5V Flash Memory
|
ETC[ETC] Eon Silicon Solution Inc.
|
AT49F1024 AT49F1024-50VC |
x16 Flash EEPROM From old datasheet system 1-megabit (64K x 16) 5-volt Only Flash Memory 1M bit, 64K x 16, 5-Volt Read and 5-Volt Write Flash
|
Atmel Corp
|
A29512A A29512A-55 A29512A-70 A29512A-90 A29512AL- |
64K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 512K X 8 Bit CMOS 5.0 Volt-only/ Uniform Sector Flash Memory 64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory 64K X 8 Bit CMOS 5.0 Volt-only Uniform Sector Flash Memory
|
AMICC[AMIC Technology]
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
DS2506 DS2506S |
64-kbit Add-Only Memory
|
MAXIM - Dallas Semiconductor Dallas Semiconducotr DALLAS[Dallas Semiconductor]
|
DS2505P DS2505TR DS2505/TR DS2505PTR DS2505P/TR |
16Kb Add-Only Memory
|
Maxim Integrated Products Maxim Integrated Produc...
|
MR44V064A |
64k(8,192-Word ?8-Bit) FeRAM (Ferroelectric Random Access Memory)
|
LAPIS Semiconductor Co....
|
CAT28F512HI-12T CAT28F512HI-15T CAT28F512HI-90T CA |
512K-Bit CMOS Flash Memory 512 kb CMOS Flash Memory 64K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
ON Semiconductor
|