PART |
Description |
Maker |
ATA7609 ATA7609D1 |
10 Gb/s High Overload TIA Transimpedance Amplifiers (TIAs)
|
ANADIGICS, Inc
|
AMT8410 AMT8410T46L AMT8410_REV1.1 |
The ANADIGICS AMT8410, packaged in a TO46 lens can, is a 3.3 V intergrated photodector and transimpedance amplifier(TIA) used to ... 2.5 Gb/s 1310/1550nm PIN-TIA From old datasheet system
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
AMT8312 AMT8312T46L |
The ANADIGICS AMT8312, packaged in a 5 pin TO-46 lens can, is a 3.3 V integrated photodetector and transimpedance amplifier (TIA) ... 2.5 Gb/s 850 nm PIN-TIA
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
ATA01504 ATA01504D1C |
AGC Transimpedance Amplifier From old datasheet system Transimpedance Amplifiers (TIAs)
|
ANADIGICS[ANADIGICS, Inc]
|
ATA7609 |
The ANADIGICS ATA7609 is a -5.2 V high-speed transimpedance amplifier (TIA) designed for 10 Gb/s optical receiver applications available ...
|
Anadigics Inc
|
MAX3277U MAX3275U MAX3275U_D |
Low-Noise, Fibre Channel Transimpedance Amplifiers
|
Maxim Integrated Products
|
AMT8304T46F AMT8304T46L AMT8304 AMT8304T4TL |
The ANADIGICS AMT8304 is a 3.3V monolithically integrated Metal-Semiconductor-Metal (MSM) photodetector and transimpedance amplifier ... 2.125 Gb/s Integrated 850nm MSM-TIA
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
27C128 10003K 27LC128-12EL 27LC128-12EP 27LC128-12 |
2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier x8存储 Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs x8存储 Evaluation Kit for the MAX3766 x8存储 3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers x8存储 622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers x8存储 LED BLUE 430NM 100MCD 3MM 128K的(16K的8)的CMOS存储 128K (16K x 8) CMOS EPROM 128K的(16K的8)的CMOS存储 MAX3812 Evaluation Kit x8存储 Evaluation Kit for the MAX3804 Precision, Low-Voltage, SPST CMOS Analog Switch Evaluation Kit for the MAX3822 LED HI EFF RED DIFF 0805 SMD Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs LED YELLOW DIFF 1206 SMD LED GREEN DIFF 0805 SMD x8 EPROM Evaluation Kit for the MAX3802 Evaluation Kit for the MAX3803 From old datasheet system 128K (16x8)CMOS EPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
MAX3271W MAX3271E MAX3271D MAX3271 |
3.3V 2.5Gbps Low-Power Transimpedance Amplifier " 3.3V, 2.5Gbps Low-Power Transimpedance Amplifier" From old datasheet system 3.3V, 2.5Gbps Low-Power Transimpedance Amplifier 3.3伏,2.5Gbps的低功耗阻放大
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SE1050W |
LightCharger⑩ 10 Gb/s Transimpedance Amplifier Final LightCharger 10 Gb/s Transimpedance Amplifier Final
|
SIGE[SiGe Semiconductor, Inc.] SIGE[SiGe Semiconductor Inc.]
|