PART |
Description |
Maker |
AT29C1024NBSP AT29C1024 |
1M bit, 5-Volt Read and 5-Volt Write Flash From old datasheet system
|
Atmel Corp
|
AT49F4096ANBSP AT49F4096A-70CC AT49F4096A-90CC |
EEPROM 4M bit, 5-Volt Read and 5-Volt Write Flash
|
Atmel Corp
|
AT29C040A |
4M bit, 5-Volt Read and 5-Volt Write Flash
|
Atmel
|
AT29BV020 |
2M bit, 2.7-Volt Read and 2.7-Volt Write Flash
|
Atmel
|
AT49F1024 AT49F1024-50VC |
x16 Flash EEPROM From old datasheet system 1-megabit (64K x 16) 5-volt Only Flash Memory 1M bit, 64K x 16, 5-Volt Read and 5-Volt Write Flash
|
Atmel Corp
|
AM29DL640G90 AM29DL640G120 AM29DL640G70PCEN AM29DL |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 64兆位米8 4米x 16位).0伏的CMOS只,同步写闪 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 4M X 16 FLASH 3V PROM, 70 ns, PBGA63
|
Advanced Micro Devices, Inc.
|
AT29LV256NBSP AT29LV256 |
256K, 3-Volt Read and 3-Volt Write Flash From old datasheet system
|
Atmel Corp
|
AT45DB041B AT45DB041B-CC AT45DB041B-CI AT45DB041B- |
4M bit, 2.7-Volt Only Serial-Interface Flash with Two 264-Byte SRAM Buffers 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
|
ATMEL[ATMEL Corporation] ETC
|
AT49F008A AT49F008A-90TI AT49F8192AT-90TC AT49F819 |
x8/x16 Flash EEPROM x8 Flash EEPROM From old datasheet system 8M bit, 5-Volt Read and 5-Volt Byte-Write Flash
|
Atmel Corp
|
S29CD016G0PQAI002 S29CD016G0MFAN001 S29CD016G0MFAN |
16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 16兆位12亩32位)的CMOS 2.5伏特,只有突发模式,双启动,同步写闪 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 67 ns, PBGA80 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
M41000002M M41000002R M41000002W AM41DL3228GB30IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
S29JL064H S29JL064H70TAI000 S29JL064H70TAI002 S29J |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
|
SPANSION[SPANSION]
|