PART |
Description |
Maker |
AT49F008A AT49F008A-90TI AT49F8192AT-90TC AT49F819 |
x8/x16 Flash EEPROM x8 Flash EEPROM From old datasheet system 8M bit, 5-Volt Read and 5-Volt Byte-Write Flash
|
Atmel Corp
|
MX69F1604C3TXBI-90 MX69F1602 MX69F1602C3BXBI-70 MX |
16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
|
MCNIX[Macronix International]
|
AM49DL320BGT851 AM49DL320BGT85IS AM49DL320BGT85IT |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
S30MS01GP25TAW002 S30MS512P25TAW012 S30MS512P25TAW |
1Gb/512Mb, x8/x16, 1.8 Volt NAND Interface Memory Based on MirrorBit⑩ Technology
|
SPANSION[SPANSION]
|
AM42DL640AG45IT AM42DL640AG25IT AM42DL640AG |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION http://
|
AT49BV2048 |
2-Megabit 3-volt Only Flash Memory(2M浣?3V???瀛???ī 2M bit. 2.7-Volt Read and 2.7-Volt Write. Byte-Write Flash. Bottom Boot
|
Atmel Corp.
|
AT29BV040A AT29BV040A-20TC AT29BV040A-20TI AT29BV0 |
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory 4M bit, 2.7-Volt Read and 2.7-Volt Write Flash
|
ATMEL[ATMEL Corporation]
|
AT49F1025 |
1M bit, 64K x 16, 5-Volt Read and 5-Volt Write Flash
|
Atmel
|
AT49F4096ANBSP AT49F4096A-70CC AT49F4096A-90CC |
EEPROM 4M bit, 5-Volt Read and 5-Volt Write Flash
|
Atmel Corp
|
AT49LV160 AT49BV160 AT49LV161 AT49BV161 |
16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory 16M bit. 3.0-Volt Read and 3.0-Volt Byte-Write Sectored Flash. Single Plane. Bottom Boot 16M bit. 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash. Single Plane. Bottom Boot 16M bit . 2.7-Volt Sectored (Top Boot)
|
ATMEL Corporation
|
AM29LL800BB-150EC AM29LL800BB-150FIB AM29LL800BB-1 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO48 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 1M X 8 FLASH 2.2V PROM, 150 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).2伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|
AT45DB021B AT45DB021B-CC AT45DB021B-CI AT45DB021B- |
From old datasheet system 2M bit, 2.7-Volt Only Serial-Interface Flash with Two 264-Byte SRAM Buffers 2-megabit 2.7-volt Only DataFlash??
|
ATMEL[ATMEL Corporation]
|