PART |
Description |
Maker |
IS61LV5128-10 IS61LV5128-10B IS61LV5128-10BI IS61L |
IC,SRAM,512KX8,CMOS,TSOP,44PIN,PLASTIC 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO44 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 15 ns, PBGA36 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO36 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 10 ns, PBGA36 512K x 8 HIGH-SPEED CMOS STATIC RAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36
|
ISSI[Integrated Silicon Solution, Inc] ISSI [Integrated Silicon Solution, Inc] ISSI[Integrated Silicon Solution Inc] Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
CY7C1382CV25-167AI CY7C1382CV25-200BZI CY7C1382CV2 |
512K x 36 pipelined SRAM, 167MHz 512K x 36/1M x 18 Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3.4 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM 1M X 18 CACHE SRAM, 3 ns, PBGA165 TRANS DARL PNP 100V 8A TO-220FP 1M X 18 CACHE SRAM, 3.4 ns, PQFP100 512K x 36 pipelined SRAM, 225MHz
|
Cypress Semiconductor, Corp.
|
AS7C4096A AS7C4096A-20TIN AS7C4096A-10JC AS7C4096A |
SRAM - 5V Fast Asynchronous 5.0V 512K x 8 CMOS SRAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-PDIP -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44 High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-SOIC -55 to 125 512K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
IDT71V424L IDT71V424S10PH IDT71V424S10PHG IDT71V42 |
3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT) 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TRANS NPN W/RES 60 HFE NS-B1 512K X 8 STANDARD SRAM, 10 ns, PDSO36 TRANS NPN W/RES 80 HFE NS-B1 3.3V 512K x 8 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
AS7C4096A-12TCN AS7C4096A-15JI |
IC,AS7C4096A-12TCN,TSOP-44 II, SRAM,12NS,512K X 8,5V 512K X 8 STANDARD SRAM, 12 ns, PDSO44 512K X 8 STANDARD SRAM, 15 ns, PDSO36
|
Alliance Memory, Inc. ALLIANCE MEMORY INC
|
N08M1618L1AW N08M1618L1A N08M1618L1AB N08M1618L1AB |
8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K × 16 bit 8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 】 16 bit 512K X 16 STANDARD SRAM, 150 ns, PBGA48 BGA-48
|
AMI[AMI SEMICONDUCTOR] Unisonic Technologies Co., Ltd.
|
IS61NLF25636A-7.5B2I-TR IS61NLF51218A-7.5B3I-TR IS |
256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM 512K X 18 ZBT SRAM, 6.5 ns, PQFP100
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
CY7C1382CV25 CY7C1382CV25-167AC CY7C1382CV25-167AI |
512K x 36/1M x 18 Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Pipelined SRAM
|
Cypress Semiconductor, Corp.
|
CY7C1365V25 |
512K x 18 Flowthrough SRAM(512K x 18 流通式 SRAM) 直通为512k × 18的SRAM(为512k × 18流通式的SRAM
|
Cypress Semiconductor Corp.
|
AS7C25512NTF32_36A AS7C25512NTF36A-10TQC AS7C25512 |
2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 7.5 ns, PQFP100 2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD 512K X 32 ZBT SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 51Vz 5mA-Izt 0.05 5uA-Ir 38.8Vr DO41-GLASS 5K/AMMO DIODE, ZENER, 24V, 5%, 1W& DIODE ZENER SINGLE 1000mW 33Vz 7.5mA-Izt 0.05 5uA-Ir 25.1Vr DO41-GLASS 5K/REEL NTD? Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
CY7C1355C-100AXC CY7C1355C-100BGXC CY7C1355C-133AX |
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBLArchitecture 512K X 18 ZBT SRAM, 7.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBLArchitecture 512K X 18 ZBT SRAM, 6.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBLArchitecture 512K X 18 ZBT SRAM, 6.5 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
|