PART |
Description |
Maker |
ADD8506WRU-REEL7 ADD8504 ADD8505 ADD8506WRUZ-REEL7 |
5-Channel, Muxed Input Line Inversion LCD Gamma Buffer 4-Channel, Muxed Input Line Inversion LCD Gamma Buffer 6-Channel, Muxed Input Line Inversion LCD Gamma Buffer; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial HEX BUFFER AMPLIFIER, PDSO24 4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
|
Analog Devices, Inc.
|
DS1616S DS1616 1616 |
From old datasheet system Temperature and Three Input MUX’ed 8-bit Data Recorder Temperature and Three Input MUXed 8-bit Data Recorder
|
DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
TMS4063NL UA798HC UA711DM UA711MJB UA7307TC UA304 |
Non-Muxed Address DRAM 3 band car audio processor /- 15 kV ESD protected 5 V RS-232 transceiver 5 V powered multi-channel RS-232 drivers and receivers CMOS quad 3-state differential line driver 0.5A high-side driver industrial intelligent power switch 电压反馈运算放大 Rail-to-rail input/output 8 MHz operational amplifiers 模拟比较 x1 SRAM x1的SRAM
|
STMicroelectronics N.V.
|
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
U3525-S16-T U3525-S16-R U3525-D16-T U74AHC1G00L-AF |
SINGLE SCHMITT-TRIGGER BUFFER SINGLE SCHMITT-TRIGGER INVERTER QUADRUPLE 2-INPUT POSITIVE-OR GATES 2-INPUT OR GATE 2-INPUT NOR GATE HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER QUADRUPLE 2-INPUT POSITIVE-NAND GATES 2-INPUT EXCLUSIVE-OR GATE SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT BILATERAL SWITCH 2-INPUT AND GATE 2-INPUT NAND GATE REGULATING PWM IC
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
74AHCT08PW 74AHC08D 74AHCT08D 74AHCT08 74AHCT08BQ |
Quad 2-input AND gate Rev. 03 ?14 November 2007 Quad 2-input AND gate; Package: SOT762-1 (DHVQFN14); Container: Reel Pack, SMD, 7" AHCT/VHCT/VT SERIES, QUAD 2-INPUT AND GATE, PQCC14 Quad 2-input AND gate 输入与门
|
NXP Semiconductors N.V.
|
FMS650106 |
12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Fairchild Semiconductor
|
HD74LS32 HD74LS32P 74LS32 |
From old datasheet system LOGIC GATE,QUAD 2-INPUT OR,LS-TTL,DIP,14PIN,PLASTIC Quadruple 2-input Positive OR Gates LS SERIES, QUAD 2-INPUT OR GATE, PDIP14
|
http:// HITACHI[Hitachi Semiconductor] Hitachi America
|
HD74LS00 HD74LS00FPSMD HD74LS00PDIP HD74LS00RPSMD |
Quad. 2-input NAND Gates QUADRUPLE 2-INPUT POSITIVE-NAND GATES LOGIC GATE,QUAD 2-INPUT NAND,LS-TTL,DIP,14PIN,PLASTIC From old datasheet system Quad 2-input NAND Gate 输入与非
|
Hitachi America HITACHI[Hitachi Semiconductor] Hitachi,Ltd. Renesas Electronics, Corp.
|
5962F9863101VXC ACS30K ACS21D ACS30KMSR-03 ACS21K |
Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, CDFP14 Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, UUC11 RES, NETWORK SMT 100R 5% 1/16W 25V, 0603X4 Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70
|
Intersil, Corp. Intersil Corporation
|
DM54H20J DM54H20J_883 DM54H20J_883B DM54H20J_883C |
Single 8-input NAND Gate 8输入与非 Dual 4-input NAND Gate 4输入与非 CERAMIC CHIP/MIL-PRF-55681 陶瓷芯片/mil-prf-55681 Quad 2-input NAND Gate 输入与非 Dual 4-input NAND Gate 输入与非 Triple 3-input NAND Gate Dual4-inputNANDGate
|
Cypress Semiconductor, Corp. Rochester Electronics, LLC TE Connectivity, Ltd.
|
M74HC20 M74HC20RM13TR M74HC20TTR M74HC20B1R M74HC2 |
DUAL 4-INPUT NAND GATE DUAL 4-INPUT NAND GATE 10-Bit, 3 or 9 us DAC, Serial Input, Pgrmable Settling Time/Pwr Consumption, Ultra Low Power 8-MSOP 0 to 70
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|