PART |
Description |
Maker |
74ACT825 74ACT825SPC 74ACT825MTC 74ACT825SC 74ACT8 |
8-Bit D-Type Flip-Flop 8-Bit LVTTL-GTLP Adjustable-Edge-Rate Registered Transceiver with Split LVTTL Port and Feedback Path 48-TSSOP -40 to 85 Octal D-Type Flip-Flop Two 1-Bit LVTTL/GTLP Adj-Edge-Rate Bus Xcvrs w Split LVTTL Port, Fdbk Path and Selectable Polarity 20-TSSOP -40 to 85
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
74AHCT139 74AHCT139D 74AHCT139PW 74AHCT139PWDH 74A |
Dual 2-to-4 line decoder/demultiplexer 8-Bit LVTTL-to-GTLP Bus Transceiver 24-TVSOP -40 to 85
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
GTLP6C816A GTLP6C816AMTCX |
LVTTL-to-GTLP Clock Driver From old datasheet system GTLP/LVTTL 1:6 Clock Driver
|
Fairchild Semiconductor
|
IDT74GTLP16612 IDT74GTLP16612PA IDT74GTLP16612PV I |
CMOS 18-BIT TTL/GTLP UNIVERSAL BUS TRANSCEIVER
|
IDT Integrated Device Technology
|
GTLP6C817 GTLP6C817MTC |
Low Drive GTLP-to-LVTTL 1:6 Clock Driver
|
FAIRCHILD[Fairchild Semiconductor]
|
HB52RD648DC-B HB52RF648DC-B HB52RD648DC-B6BL HB52R |
512 MB Unbuffered SDRAM S.O.DIMM 64-Mword 64-bit, 133/100 MHz Memory Bus, 2-Bank Module (16 pcs of 32 M 8 components) PC133/100 SDRAM 512M; 100MHz LVTTL interface SDRAM 512M; 133MHz LVTTL interface SDRAM
|
Elpida Memory
|
74ACTQ574PC 74ACQ574 74ACQ574PC 74ACQ574SC 74ACQ57 |
Quiet Series Octal D Flip-Flop with 3-STATE Outputs Quiet SeriesOctal D-Type Flip-Flop with 3-STATE Outputs 18-Bit LVTTL-to-GTLP Bus Transceiver with Source Synchronous Clock Outputs 56-TSSOP -40 to 85 Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs Quiet Series⑩ Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
GTLP6C816 GTLP6C816MTCX |
GTLP-to-TTL 1:6 Clock Driver; Package: TSSOP; No of Pins: 24; Container: Tape & Reel GTLP SERIES, LOW SKEW CLOCK DRIVER, 0 TRUE OUTPUT(S), 8 INVERTED OUTPUT(S), PDSO24 From old datasheet system GTLP/TTL 1:6 Clock Driver
|
Fairchild Semiconductor, Corp.
|
MC100EPT24 |
3.3V LVTTL/LVCMOS to Differential LVECL Translator(3.3V LVTTL/LVCMOS到差分LVECL转换 3.3V的LVTTL /差分LVECL翻译LVCMOS电压.3V LVTTL /LVCMOS到差分LVECL转换器)
|
ON Semiconductor
|
GTL2107 GTL2107PW |
12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
|
NXP Semiconductors
|
K4S281632D K4S281632D-L1H K4S281632D-L1L K4S281632 |
128Mb SDRAM, 3.3V, LVTTL, 133MHz 128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL 128Mbit SDRAM00万16 × 4银行同步DRAM LVTTL RF CONNECTOR; 1.6/5.6 PLUG, CRIMP ATTACHMENT FOR RG179 & RG187 ; Current Rating:30mA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No 128Mb SDRAM, 3.3V, LVTTL, 166MHz 128Mb SDRAM, 3.3V, LVTTL, 183MHz
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic SAMSUNG[Samsung semiconductor]
|