PART |
Description |
Maker |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
TDA3675 TDA3675T TDA3675AT |
Low dropout voltage/quiescent current 8.5 V voltage regulator with enable
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
TDA3664AT TDA3664TT |
Very low dropout voltage/quiescent current 5 V voltage regulator
|
NXP Semiconductors
|
TDA3665 TDA3665AT |
Very low dropout voltage/quiescent current 8.5 V voltage regulator
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
TS1540CP50RO TS1540CP33RO TS1540CP25RO TS1540CP15R |
1A Low Dropout Voltage Regulator with Low Quiescent Current
|
Taiwan Semiconductor Company, Ltd
|
MAX16999AUA MAX16999AUA09 MAX16999AUA11 |
Ultra-Low Output Voltage, Low-Quiescent-Current Linear Regulator for High-Temperature Applications 0.9 V FIXED POSITIVE LDO REGULATOR, 0.1 V DROPOUT, PDSO8 Ultra-Low Output Voltage, Low-Quiescent-Current Linear Regulator for High-Temperature Applications 1.1 V FIXED POSITIVE LDO REGULATOR, 0.1 V DROPOUT, PDSO8
|
Maxim Integrated Products, Inc.
|
NCP707 |
200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
|
ON Semiconductor
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
ADP123AUJZ-R7 ADP122AUJZ-3.3-R7 ADP122AUJZ-3.0-R7 |
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator, Fixed Output Voltage; No of Pins: 5; Temperature Range: Ind 2.7 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO5 5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator, Fixed Output Voltage; No of Pins: 5; Temperature Range: Ind 3 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO5 5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator, Fixed Output Voltage; No of Pins: 5; Temperature Range: Ind 3.3 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO5 5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator, Fixed Output Voltage; No of Pins: 5; Temperature Range: Ind 2.85 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO5 5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator, Fixed Output Voltage; No of Pins: 5; Temperature Range: Ind 2.5 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO5
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AP7313 AP7313-33SRG-7 AP7313-33SAG-7 AP7313-10SAG- |
150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
|
Diodes Incorporated
|
|