PART |
Description |
Maker |
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
B1117N-1.5 B1117N-3.3 B1117N-2.5 B1117N-2.85 B1117 |
Adjustable 1.0A low dropout voltage regulator 1.85V 1.0A low dropout voltage regulator 2.5V 1.0A low dropout voltage regulator 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.5V 1.0A low dropout voltage regulator 1.8V 1.0A low dropout voltage regulator 2.85V 1.0A low dropout voltage regulator 3.3V 1.0A low dropout voltage regulator
|
List of Unclassifed Man... BayLinear ETC[ETC] List of Unclassifed Manufacturers
|
EZ1587CM-1.8.TR EZ1587CM-2.5.TR EZ1587I EZ1587IT E |
3A Low Dropout Positive Voltage Regulator(3A,低压最.3V)正电压稳压器.3V固定和可调电压输出)) 5.0 AMP POSITIVE VOLTAGE REGULATOR Evaluation Module for 170 uVrms Zero Ripple Buck-Boost Charge Pump TPS60241 3A Low Dropout Positive Voltage Regulator(3A,低压最.4V)正电压稳压器(可调电压输出)) Analog IC 模拟IC 3.45 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3A Low Dropout Positive Voltage Regulator(3A,浣??宸???た.3V)姝g???ǔ???锛?.3V?哄????璋??????猴?)
|
Semtech Corporation Semtech, Corp.
|
SPX3940AM3-1.8 SPX3940AM3-5.0 SPX3940AT-1.8 SPX394 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO4 1A LOW DROPOUT VOLTAGE REGULATOR FIXED OUTPUT, FAST RESPONSE 1A Low Dropout Voltage Regulator, 2% 1A Low Dropout Voltage Regulator, 1%
|
EXAR CORP SIPEX[Sipex Corporation]
|
B033 B033S-X B033N-X B033D-X B033T-X B033D-1.8 B03 |
Adjustable 1.0A low dropout voltage regulator 3.3V 1.0A low dropout voltage regulator 2.5V 1.0A low dropout voltage regulator 1.8V 1.0A low dropout voltage regulator 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.0Amp低压差线性稳压器可调 1.0Amp Low Dropout Voltage Regulator Adjustable & Fix (0.40Volt Dropout) 1.0 Amp Low Dropout Voltage Regulator 3.0V 1.0A low dropout voltage regulator
|
ETC Bay Linear List of Unclassifed Manufacturers BayLinear
|
B4600 B4600CN-20 B4600CN-60 B4600CR-20 B4600CR-60 |
5.9V 600mA low dropout voltage regulator 2.9V 600mA low dropout voltage regulator 2.8V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 2.3V 600mA low dropout voltage regulator 2.1V 600mA low dropout voltage regulator 600 mA Low Dropout Voltage Regulators 600毫安低压差稳压器 5.7V 600mA low dropout voltage regulator 2.0V 600mA low dropout voltage regulator 2.2V 600mA low dropout voltage regulator 2.4V 600mA low dropout voltage regulator 2.6V 600mA low dropout voltage regulator 2.7V 600mA low dropout voltage regulator 6.0V 600mA low dropout voltage regulator
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] BayLinear
|
AMS2906 AMS2906-15 AMS2906-25 AMS2906-28 AMS2906-3 |
5.0V 600mA low dropout voltage regulator 2.85V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 1.5V 600mA low dropout voltage regulator Synchronous Presettable Binary Counters with Asynchronous Reset 16-SOIC -55 to 125 600mA的低压差稳压 600mA LOW DROPOUT VOLTAGE REGULATOR 600mA的低压差稳压 Synchronous Presettable Binary Counters with Asynchronous Reset 16-PDIP -55 to 125 3.3V 600mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
B1585 B1585J-1.5 B1585J-2.5 B1585J-3.0 B1585J-3.3 |
5.0A Low Dropout Voltage Regulator Adjustable & Fix Output 1.5V 5.0A low dropout voltage regulator 2.5V 5.0A low dropout voltage regulator 3.0V 5.0A low dropout voltage regulator 3.3V 5.0A low dropout voltage regulator Adjustable 5.0A low dropout voltage regulator
|
BayLinear
|
ILC7081 ILC7081AIM525X ILC7081AIM526X ILC7081AIM52 |
50/100mA SOT-23 CMOS RF LDO Regulators 50/100mA的SOT - 23 CMOS射频LDO稳压 0.08A Low Dropout Voltage Regulator 0.15A Low Dropout Voltage Regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
MSK5115-5.0BTU MSK5115-5.0BZD MSK5115-5.0BTS MSK51 |
Adj, High current, low dropout voltage regulator HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 大电流,低降稳压 12V, High current, low dropout voltage regulator
|
Electronic Theatre Controls, Inc. M.S. Kennedy Corp.
|
MC33269DR2-3.3G MC33269D MC33269T-5.0 MC33269DT NC |
800 mA, Adjustable Output, Low Dropout Voltage Regulator 1.225 V-1.275 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO8 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800 mA, Adjustable Output, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, SFM3 800 mA, Adjustable Output, Low Dropout Voltage Regulator 12 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSSO2 800mA, Low Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
NCP693DMN12TCG NCP693DMN25TCG NCP693DMN33TCG |
1A CMOS Low-Dropout Voltage Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.38 V DROPOUT, PDSO6 1A CMOS Low-Dropout Voltage Regulator
|
ON Semiconductor
|