PART |
Description |
Maker |
ST10F280 ST10F280-JT3 ST10F280DATASHEET |
16-BIT MCU WITH MAC UNIT - 5V SINGLE SUPPLY - 18 KB RAM - 512 KB FLASH MEMORY - 2 TIMERS - A/D - ASC/SSC - 2 CAN2.0B - MARCH 2002 16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
|
STMICROELECTRONICS[STMicroelectronics]
|
MC912DG128PMPV MC912DT128PMPV MC912DG128X MC912DG1 |
Microcontrollers The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit 16-BIT, FLASH, 8 MHz, MICROCONTROLLER, PQFP112 The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit 该MC68HC912DT128A微控制器单元(MCU)是一6位设备的标准组成的片上外设包括一6位中央处理单
|
Motorola, Inc. Motorola Mobility Holdings, Inc. MOTOROLA INC
|
MC912DT128ACPV MC912DG128CMPV MC912DG128PCPV MC912 |
The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
|
MOTOROLA[Motorola, Inc]
|
MC912DG128ACPV MC912DG128AMPV MC912DG128AVPV |
The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
|
Motorola, Inc
|
ST10R272 ST10R272L ST10R272LT1 ST10R272LT6 |
16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
|
STMICROELECTRONICS[STMicroelectronics]
|
ST10R272L-B0 |
16-BIT ROMLESS LOW VOLTAGE MCU WITH MAC
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
ST10F276Z5 ST10F276Z5Q3 ST10F276Z5T3 |
16-BIT MICROCONTROLLER WITH MAC UNIT, UP TO 832 KBYTES FLASH MEMORY AND UP TO 68 KBYTES RAM
|
ST Microelectronics
|
ST10F166BQ1 ST10F166BQ1-16 ST10F166 |
16-BIT MCU WITH 256K FLASH MEMORY
|
STMICROELECTRONICS[STMicroelectronics]
|
AT76C502A |
11-megabit WLAN Media Access Controller MAC 11兆无线局域网媒体访问控制器的MAC AT76C502 is a single-chip Media Access Controller (MAC) that provides all processing and functionality needed for the MAC protocol of wireless LANs (focusing on, but not limited to the IEEE 802.11b standard). This PCMCIA product has been W
|
Atmel Corp. Atmel, Corp. ATMEL[ATMEL Corporation]
|
SST89E54RD2-40-I-PJ SST89V52RD2-40-I-PJ SST89V58RD |
DIODE SWITCH 80V 25MA SOT-353 FlashFlex51单片 XSTR GP SWITCH 75V 0.6A 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU FlashFlex51单片 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 TRANS DUAL NPN 50V 30MA SOT-353
|
Silicon Storage Technol... SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|