PART |
Description |
Maker |
HCTS245MS HCTS245KMSR HCTS245K HCTS245HMSR FN2360 |
From old datasheet system Radiation Hardened Octal Bus Transceiver Three-State Non-Inverting Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125 HCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, CDFP20 Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting HCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, UUC24 Radiation Hardened Octal Bus Transceiver/ Three-State/ Non-Inverting
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
74ACT245T 74ACT245TTR 74ACT245 74ACT245B 74ACT245M |
OCTAL BUS TRANSCEIVER (3-STATE) OCTAL BUS TRANSCEIVER 3-STATE OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
LT1521-3.3 LT1521CS8-3.3 LT1521CST-3.3 LT1521IS8-3 |
Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4 OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-PDIP 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Octal Bus Transceivers 20-SOIC 0 to 70 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
Linear Technology Corporation Linear Technology, Corp.
|
74ACTQ245 74ACQ245 74ACTQ245MSAX 74ACQ245CW 74ACTQ |
Quiet Series Octal Bidirectional Transceiver with 3-STATE Outputs From old datasheet system Quiet Series???? Octal Bidirectional Transceiver Quiet Series???? Octal Buffer/Line Driver Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs Single 8-bit Bus Transceiver
|
Fairchild Semiconductor
|
DM74AS245 DM74AS245N DM74AS245SJ DM74AS245WM DM74A |
Octal 3-STATE Bus Transceivers Octal Bus Transceiver with 3-STATE Outputs From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
DM74LS245 DM74LS245N DM74LS245SJ DM74LS245WM 74245 |
3-STATE Octal Bus Transceiver Single 8-bit Bus Transceiver LS SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
74ABT646A 74ABT646A_2 74ABT646AD 7ABT646APWDH 74AB |
Octal bus transceiver/register (3-State) From old datasheet system Octal bus transceiver/register 3-State
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
IDT74LVCC4245 IDT74LVCC4245APG IDT74LVCC4245APY ID |
CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 3.3V AND 5V I/O LVC/LCX/Z SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO24 3.3V CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, AND 5V TOLERANT I/O 3.3V CMOS Octal Dual-Supply Bus Transceiver with Configurable Output Voltage, 3-State Outputs, and 5.0V Tolerant I/O
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
74VHC245MTC 74VHC245N 74VHC245SJ 74VHC245M 74VHC24 |
Single 8-bit Bus Transceiver Octal Bidirectional Transceiver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
IDT74ALVCH245 IDT74ALVCH245_DS_19139 |
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT
|
MC74F640DW MC74F640J MC74F640N MC74F640 ON1313 |
OCTAL BUS TRANSCEIVER, INVERTING WITH 3-STATE OUTPUTS OCTAL BUS TRANSCEIVER ,INVERTING WITH 3-STATE OUTPUTS From old datasheet system
|
Motorola, Inc ON Semi
|
HD74LS640-1 HD74LS640-1P |
BUS TRANSCEIVER|SINGLE|8-BIT|LS-TTL|DIP|20PIN|PLASTIC Octal Bus Transceivers(inverted 3-state outputs)
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|