PART |
Description |
Maker |
SBA250-04R |
40V/ 25A Rectifier Schottky Barrier Diode (Twin Type ?Cathode Common) 40V, 25A Rectifier Schottky Barrier Diode (Twin Type ・ Cathode Common) 40V, 25A Rectifier(用于高频整流应用的重复反向电0V,平均整流电5A 整流
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
MBRD360T4 MBRD360G MBRD360 MBRD360RLG MBRD340G MBR |
SWITCHMODE Power Rectifiers 3A 60V Schottky Rectifier 3A 30V Schottky Rectifier 3A 50V Schottky Rectifier 3A 40V Schottky Rectifier 3A 20V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
SB0030-04A SB0030-04A-E |
40V/ 30mA Rectifier 40 V, 30 mA Rectifier 40V, 30mA Rectifier Schottky Barrier Diode DIODE SCHOTTKY 40V 0.03A 2DO-34
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
SB2530CT SB2550CT SB2580CT SB25100CT SB2520CT SB25 |
25A SCHOTTKY BARRIER RECTIFIER
|
WTE[Won-Top Electronics]
|
MBRB2535CTLT4 |
25A 35V Schottky Rectifier
|
ON Semiconductor
|
SPJ-63S SPB-G56S MPE-24H SPB-64S SPB-G34 SPB-G34S |
Schottky Barrier Diodes (Power Surface Mount) 30V / 40V / 60V Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 6 A, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 肖特基二极管(电源表面贴装)30V的,40V的,60V Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 5 A, 40 V, SILICON, RECTIFIER DIODE Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V 3 A, 40 V, SILICON, RECTIFIER DIODE
|
http:// Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
SB25100FCT SB2530FCT SB2550FCT SB2520FCT SB2580FCT |
25A ISOLATION SCHOTTKY BARRIER RECTIFIER
|
WTE[Won-Top Electronics]
|
SB2580FCT SB25100FCT SB2520FCT SB2520FCT_06 SB2530 |
25A DUAL SCHOTTKY BARRIER RECTIFIER
|
WTE[Won-Top Electronics]
|
SK54 |
5A, 40V SCHOTTKY RECTIFIER
|
Unisonic Technologies
|
M39208-10WNA6T M39208-12WNA1T M39208-12WNB6T M3920 |
256K X 8 FLASH 2.7V PROM, 120 ns, PDSO32 256K X 8 FLASH 2.7V PROM, 150 ns, PDSO32 256K X 8 FLASH 2.7V PROM, 100 ns, PDSO32 RECTIFIER SCHOTTKY DUAL 5A 40V 110A-Ifsm 0.5Vf 0.2A-IR PowerDI-5 5K/REEL 单芯2 Mbit闪存4千位并行EEPROM存储 Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory 单芯2 Mbit闪存4千位并行EEPROM存储 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 RECTIFIER SCHOTTKY SINGLE 10A 40V 275A-Ifsm 0.51Vf 0.7A-IR PowerDI-5 5K/REEL RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/REEL-13 DIODE, SCHOTTKY, 40V, 10A, POWER DI 5 RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13
|
NUMONYX STMicroelectronics N.V. ST Microelectronics 意法半导
|
100JB12L 35MB100A 35MB10A 35MB120A 100JB10L 100JB1 |
10 to 35 Amp Rectifier Bridges V(rrm): 400V; 25A rectifier bridge V(rrm): 1200V; 35A rectifier bridge V(rrm): 100V; 25A rectifier bridge V(rrm): 1000V; 25A rectifier bridge V(rrm): 1000V; 10A rectifier bridge V(rrm): 100V; 10A rectifier bridge V(rrm): 400V; 10A rectifier bridge V(rrm): 1200V; 10A rectifier bridge V(rrm): 50V; 10A rectifier bridge V(rrm): 200V; 10A rectifier bridge V(rrm): 600V; 10A rectifier bridge V(rrm): 800V; 10A rectifier bridge V(rrm): 1200V; 25A rectifier bridge V(rrm): 1000V; 35A rectifier bridge V(rrm): 50V; 25A rectifier bridge V(rrm): 600V; 25A rectifier bridge
|
IRF[International Rectifier]
|
6CWQ04FNPBF 6CWQ04FNTR 6CWQ04FNTRL 6CWQ04FNTRLPBF |
SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V
|
International Rectifier
|