PART |
Description |
Maker |
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
PIC18F1330 |
High-Performance Microcontrollers with 10-bit A/D and nanoWatt Technology 8-bit PIC庐 Microcontrollers
|
Microchip Technology Microchip Technology, Inc.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
SABC515C-LM SAFC515C-LM SABC515C-8EM SABC515C-8RM |
8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (10MHz)
|
Infineon
|
MB95136MBPF MB95136MBPFV MB95136MB MB95F134NBSPFV |
8-BIT SINGLE CHIP MICROCONTROLLERS 8-bit Microcontrollers
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
M68HC11CPU MC68B50 MC6802 |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS Single?Chip
Microcontrollers Single-Chip Microcontrollers (AMCU)
|
MOTOROLA[Motorola, Inc]
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
8051AH 8751H 8752BH P8032AH 6051AHP TP8052AH TN805 |
8-Bit control-oriented microcontroller. Commercial. (P80xxAH) MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS MCS 51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS 8-bit control-oriented microcontroller with burn-in
|
INTEL[Intel Corporation]
|
LPC2387FBD100 LPC2387 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
LPC2378FBD144 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|