PART |
Description |
Maker |
MB98A8113X-20 MB98A8133X-20 MB98A8143X-20 MB98A812 |
FLASH MEMORY CARD PCMCIA Rel.2/JEIDA Ver.4 conformable
|
Fujitsu
|
SI9706DY 70010 SI9706 |
PC Card (PCMCIA) Interface Switch(PC卡(PCMCIA)接口开 PC卡(PCMCIA)接口开关(个人电脑卡(PCMCIA)的接口开关) From old datasheet system
|
Vishay Intertechnology, Inc.
|
UPD703100AGJ-33-UEN UPD703100GJ-33-UEN UPD703101AG |
ROM-less version; Internal RAM: 4K bytes Mask ROM version; Mask ROM: 96K bytes; Internal RAM: 4K bytes Mask ROM version; Mask ROM: 128K bytes; Internal RAM: 4K bytes Flash version; Internal flash: 128K bytes; Internal RAM: 4K bytes 32-bit RISC microcontroller (V850E/MS2:ROMless,Internal RAM: 4 KB)
|
NEC
|
MX23L6410YC-10 |
64M-BIT (8M x 8 / 4M x 16) Mask ROM 4M X 16 MASK PROM, 100 ns, PDSO44
|
Macronix International Co., Ltd.
|
MX23L6422 MX23L6422MC-11 MX23L6422MC-12 MX23L6422Y |
3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode 2M X 32 MASK PROM, 120 ns, PDSO86
|
Macronix International Co., Ltd.
|
MX23C8100 MX23C8100MC-10 MX23C8100MC-12 MX23C8100M |
8M-BIT MASK ROM (8/16 BIT OUTPUT) 512K X 16 MASK PROM, 150 ns, PDSO44
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
MX23L3211TC-90 |
32M-BIT MASK ROM (8/16-BIT OUTPUT) 2M X 16 MASK PROM, 90 ns, PDSO48
|
Macronix International Co., Ltd.
|
MX23C2100 23C2100 MX23C2100PC-15 MX23C2100PC-12 |
2M-BIT 256K x 8/128K x 16 CMOS MASK ROM From old datasheet system 2M-BIT [256K x 8/128K x 16] CMOS MASK ROM
|
MCNIX[Macronix International] Macronix 旺宏
|
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
SI9711CY-T1 SI9711CY-T1-E3 |
PC Card (PCMCIA) Interface Switch
|
Vishay Siliconix
|