PART |
Description |
Maker |
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
MAX9404 MAX9401 MAX9401EGJ MAX9401EHJ MAX9404EGJ M |
Quad ECL/PECL Differential Buffers/Receivers
|
Maxim Integrated Products
|
AZ100LVE111FN |
ECL/PECL 1:9 Differential Clock Driver ECL / PECL:9差分时钟驱动
|
Arizona Microtek, Inc.
|
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
MPC9992 |
3.3V Differential ECL/PECL PLL Clock Generator From old datasheet system 3.3 DIFFRERENTIAL ECL/PECL PLL CLOCK GENERATOR
|
Motorola, Inc.
|
AZ10LVEL16T_ AZ100LVEL16 AZ100LVEL16D AZ100LVEL16D |
ECL/PECL Differential Receiver
|
AZM[Arizona Microtek, Inc]
|
AZ100LVEL16VSDR1 |
3.0 V-5.5 V, ECL/PECL differential receiver
|
Arizona Microtek
|
AZ100LVE210FNR2 |
3.0 V-5.5 V, ECL/PECL 1:4, 1:5 differential clock driver
|
Arizona Microtek
|
NB100LVEP222-D |
2.5V/3.3V 1:15 Differential ECL/PECL ?1/ ?2 Clock Driver
|
ON Semiconductor
|
AZM100LVE310 |
ECL/PECL 2:8 Differential Clock Driver
|
Electronic Theatre Controls, Inc.
|
AZ10LVEL11T AZ100LVEL11 AZ100LVEL11D AZ100LVEL11D_ |
ECL/PECL 1:2 Differential Fanout Buffer
|
AZM[Arizona Microtek, Inc]
|
NB100LVEP222/D NB100LVEP222FAR2 |
2.5V/3.3V 1:15 Differential ECL/PECL w1/w2 Clock Driver 2.5V/3.3V 1:15 Differential ECL/PECL w/1 and w/2 Clock Driver
|
ON Semiconductor
|