PART |
Description |
Maker |
EL551-64 EL551-76 EL551-52 EL551-44 EL551-48 EL551 |
Logic IC Multiple Linear Power Controller with ACPI Control Interface; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R 1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN 逻辑IC 2.5MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 24-QSOP 逻辑IC
|
Exar, Corp. TT electronics Semelab, Ltd.
|
ISL6402A ISL6402AIR ISL6402AIRZ-T ISL6402AIR-T ISL |
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller 1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller 1.4MHz Dual 180 Out-of-Phase Step- Down PWM and Single Linear Controller 1.4MHz Dual / 180 Out-of-Phase / Step- Down PWM and Single Linear Controller
|
INTERSIL[Intersil Corporation]
|
ISL6402 |
300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
|
intersil
|
MAX1972EEE-TG05 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-Down Regulator with POR and RSI/PFO
|
MAXIM - Dallas Semiconductor
|
MAX1858 MAX1858AEEG MAX1858A-MAX1876A MAX1875AEEG |
Dual 180??Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR Dual 180Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR Dual 180° Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
ISL6402IR ISL6402IR-T ISL6402IR-TK ISL6402IRZ ISL6 |
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller DUAL SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
SPH-16 |
13 MHz - 16 MHz, 180 deg - 180 deg RF/MICROWAVE PHASE SHIFTER ROHS COMPLIANT, HERMETIC SEALED, CASE A01, 8 PIN
|
Mini-Circuits
|
MAX1971 MAX197009 MAX1970EEE MAX1971EEE MAX1972EEE |
Dual, 180掳 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
Maxim Integrated Products Maxim Integrated Produc...
|
DS0056 DS0056C |
5MHz 2-Phase MOS Clock Driver
|
AMD
|
PLL502-67SQM PLL502-67 PLL502-67SQC PLL502-67SQI |
4 Outputs 12.5MHz - 200MHz Low Phase Noise Multiplier VCXO
|
PLL[PhaseLink Corporation]
|
XWD6012 XWD6015 XWD1205 XWD1212 XWD1215 XWD2405 XW |
2-OUTPUT 180 W DC-DC REG PWR SUPPLY MODULE DUAL OUTPUT/ 180 WATT DUAL OUTPUT, 180 WATT 2-OUTPUT 150 W DC-DC REG PWR SUPPLY MODULE
|
POWER-ONE[Power-One] POWER-ONE INC
|