PART |
Description |
Maker |
MAX3293 MAX3295 MAX3294 |
20Mbps, 3.3V, SOT23, RS-485/RS-422 Transmitters "20Mbps, 3.3V, SOT23, RS-485/ RS-422 Transmitters" "250Kbps, 3.3V, SOT23, RS-485/ RS-422 Transmitters"
|
MAXIM - Dallas Semiconductor
|
MAX3061E MAX3060E MAX3062E MAX3060EEKA-T MAX3062EE |
±.15kV ESD-Protected.Fail-Safe.20Mbps.锛?r锛?lew-Rate-Limited RS-485/RS-422 Transceivers in a SOT 15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT LINE TRANSCEIVER, PDSO8 ±.15kV ESD-Protected.Fail-Safe.20Mbps.<br>Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT "?5kV ESD Protected, 20Mbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 115kbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 500kbps, Fail-Safe RS-485/RS- 422 Transceivers" ±15kV ESD-Protected, Fail-Safe, 20Mbps,
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3280 MAX3280E MAX3280EAUK-T MAX3281EAUT-T MAX32 |
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD保护52Mbps的,3V.5V,SOT23封装的RS-485/RS-422真正的失效保护接收器 32-Bit Digital Signal Controller with Flash 100-BGA MICROSTAR -40 to 85 15kV ESD-Protected 52Mbps / 3V to 5.5V / SOT23 RS-485/RS-422 True Fail-Safe Receivers "?à15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers" ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers 【15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ISL4485EIB-T |
15kV ESD Protected/ 20Mbps/ 5V/ Low Power/ RS-485/RS-422 Transceiver
|
Intersil
|
BAP64-06 |
Silicon PIN diode BAP64-06<SOT23 (SOT23)|<<http://www.nxp.com/packages/SOT23.html<1<week 34, 2003,;
|
NXP Semiconductors N.V.
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
ISL83483IBZ ISL8348304 ISL83485IBZ ISL83488IBZ ISL |
3.3V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(3.3V, 低功 高速或带有限斜率功能的RS-485/RS-422收发 3.3,低功耗,高速或摆率限制,RS-485/RS-422收发器(3.3V,低功率,高速或带有限斜率功能的的RS-485/RS-422收发器) 3.3V, Half Duplex, 10Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R LINE TRANSCEIVER, PDSO8 3.3V, Full Duplex, 250kbps Slew Rate Limited, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ST485X ST485AN |
LOW POWER RS-485/RS-422 TRANSCEIVER 低功RS-485/RS-422收发
|
STMicroelectronics N.V.
|
MIOE-210 |
4 x RS232/422/485, 2 x RS422/485, 8-bit GPIO
|
Advantech Co., Ltd.
|
BFT25A BFT25A-15 |
NPN 5 GHz wideband transistor BFT25A<SOT23 (TO-236AB)|<<http://www.nxp.com/packages/SOT23.html<1<week 34, 2003,;BFT25A/C<SOT23 (TO-236AB)|<<http://www.nxp.com/packages/SOT23.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
ISL83083E ISL83086E ISL83085E ISL83082E ISL83080E |
±15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers(±15kV ESD防护5V,全自动防护/8单元负载,RS-485/RS-422收发
|
Intersil Corporation
|
VN10LF VN10LFTA |
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET TRANSISTOR SOT23 SMD MOSFET
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
|