PART |
Description |
Maker |
HCTS390MS HCTS390D HCTS390DMSR HCTS390HMSR HCTS390 |
Radiation Hardened Octal Transparent Latch/ Three-State Radiation Hardened Dual Decade Ripple Counter
|
INTERSIL[Intersil Corporation]
|
HS-RTX2010 HS-RTX2010RH HS8-RTX2010RH HS9-RTX2010R |
Radiation Hardened Real Time Express??Microcontroller Radiation Hardened Real Time ExpressMicrocontroller 16-BIT, 8 MHz, MICROCONTROLLER, CQFP84 Radiation Hardened Real Time ExpressMicrocontroller 16-BIT, 8 MHz, MICROCONTROLLER, UUC84 Dual J-K Positive-Edge-Triggered Flip-Flops With Clear And Preset 16-SOIC 0 to 70 Radiation Hardened Real Time Express Microcontroller
|
Advanced Analogic Technologies, Inc. Intersil, Corp. Intersil Corporation
|
5962D9567002VCA 5962D9567002VCC 5962D9567002VGA HS |
Low Power, High Performance Radiation Hardened Operational Amplifier OP-AMP, 1 MHz BAND WIDTH, CDIP14 CAP 47UF 4V 25V TANT SMD-7343-43 TR-7 LOWESR-100 CONNECTOR ACCESSORY Low Power/ High Performance Radiation Hardened Operational Amplifier
|
Intersil, Corp. Intersil Corporation
|
LT1070 LT1070CK LT1070CT LT1070HVCK LT1070HVCT LT1 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 47 kHz SWITCHING FREQ-MAX, PZFM5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 5A and 2.5A High Efficiency Switching Regulators From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
5962R9571401QXC 5962R9571401QRC FN3040 5962R957140 |
Radiation Hardened 8-Bit Bus Transceiver From old datasheet system Radiation Hardened 8-Bit Bus Transceiver OCTAL LINE TRANSCEIVER, CDIP20 Radiation Hardened 8-Bit Bus Transceiver CMOS SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, CDFP20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
IRHM93130 IRHM9130 IRHM9130-15 |
Simple Drive Requirements RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA) RADIATION HARDENED POWER MOSFET / 100V, P-CHANNEL -100V 300kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-254AA package
|
IRF[International Rectifier]
|
XQR4000XL XQR4013XL-3CB228M XQR4036XL-3CB228M XQR4 |
QPRO XQR4000XL Radiation Hardened FPGAs QPRO radiation hardened FPGA.
|
Xilinx
|
HS7B-1145RH-Q 5962F9683001VPC 5962F9683001VPA HS7- |
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 CONNECTOR ACCESSORY Radiation Hardened, High Speed, Low
Power, Current Feedback Video
Operational Amplifier with Output Disable(抗辐射超高速电流反馈视频运算放大器(带输出禁止 Radiation Hardened/ High Speed/ Low Power/ Current Feedback Video Operational Amplifier with Output Disable
|
Intersil, Corp. Intersil Corporation http://
|
ACS32HMSR-03 ACS32D ACS32K ACS32MS 5962F9862401VCC |
Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, UUC16 Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, CDIP14 Quadruple Bus Buffer Gate With 3-State Outputs 14-SO 0 to 70 Radiation Hardened Quad 2-Input OR Gate(抗辐射四2输入或门)
|
Intersil, Corp. Intersil Corporation
|
M3G2803R305R4TCKA M3G2803R305R4TCKC |
HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
|
International Rectifier
|
HS0-0546RH-Q HS0-0547RH-Q 5962D9569301VXA 5962D956 |
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection 辐射加固6/Differential 8通道CMOS模拟多路复用器与Active过压保护 Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP28 Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, UUC28 Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, CDIP28 High Isolation Voltage Single Transistor Type Multi Photocoupler Series
|
Intersil, Corp. Intersil Corporation http://
|