PART |
Description |
Maker |
LTC1709EG-85 LTC1709-85 |
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator 2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
|
Linear Technology
|
ISL6327AIRZ ISL6327ACRZ |
Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
|
http:// Intersil Corporation
|
LTC1708-PG |
Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Regulator Controller
|
Linear Technology
|
ISL631606 ISL6316IRZ ISL6316 ISL6316CRZ |
Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
|
INTERSIL[Intersil Corporation]
|
FAN53168MTC |
6-Bit VID Controlled 2-4 Phase DC-DC Controller
|
Fairchild Semiconductor Corporation
|
ISL6263 ISL6263CRZ |
5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
|
Intersil Corporation
|
LTC3716EGTRPBF |
2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
HIP6302 |
PWM Controller, 2 Phase Sync Buck, 1.10V to 1.85V, .0% Reg, Programmable Droop Voltage, 5-Bit VID DAC
|
Intersil
|
HIP6303 HIP6303CB HIP6303CB-T HIP6303EVAL1 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2-4 Phase Sync Buck, 4-Bit VID DAC, 1.30V to 2.05V in 50mV Steps, % Reg, AMD Athlon Compatible
|
INTERSIL[Intersil Corporation]
|
HIP6311A |
PWM Controller, 2-4 Phase Sync Buck, 5-Bit VID DAC, 1.100V to 1.850V in 25mV Steps, .5% Reg, Prog Droop Voltage
|
Intersil
|
LTC1873 |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID(550kHz,同步2相开关稳压器(位VID))
|
Linear Technology Corporation
|