PART |
Description |
Maker |
K4S643232C-TC/L80 K4S643232C-TC/L10 K4S643232C-TC/ |
ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components- Fully Encapsulated- Efficiency to 70% Dual Low-Noise Precision Rail-To-Rail Operational Amplifier 14-SOIC 200万32内存12k × 32 × 4银行同步DRAM LVTTL Low Noise Precision Advanced LinCMOS(TM) Single Operational Amplifier 8-CDIP -55 to 125 200万32内存12k × 32 × 4银行同步DRAM LVTTL ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components- Fully Encapsulated- Efficiency to 70% Replaced by TLC2201A : Advanced LinCMOS(TM) Low-Noise Precision Operational Amplifier 8-PDIP -40 to 85 Replaced by TLC2201A : Advanced LinCMOS(TM) Low-Noise Precision Operational Amplifier 8-SOIC -40 to 85 Dual Low-Noise Precision Rail-To-Rail Operational Amplifier 14-SOIC Low Noise Precision Advanced LinCMOS(TM) Single Operational Amplifier 20-LCCC -55 to 125 2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
K4S641632E-TC1H K4S641632E-TC1L K4S641632E-TC50 K4 |
4M X 16 SYNCHRONOUS DRAM, 6 ns, PDSO54 Low Noise Precision Advanced LinCMOS(TM) Single Operational Amplifier 20-LCCC -55 to 125 64Mbit SDRAM
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
1N4626 1N4110 1N4620 1N4624 1N4104 1N4627 1N4099 1 |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 ZFKDSA 1.5C-5.0- 6 SO BN-GN SPC 16/ 6-ST-10,16 GMSTB 2,5/ HC/ 3-GF-7.62 LOW LEVEL ZENER DIODES LOW CURRENT: 250レA - LOW NOISE LOW LEVEL ZENER DIODES LOW CURRENT: 250A - LOW NOISE LOW LEVEL ZENER DIODES LOW CURRENT: 250μA - LOW NOISE
|
Microsemi, Corp. Knox SemiconductorInc KNOX[Knox Semiconductor, Inc] KNOX[Knox Semiconductor Inc]
|
BC559B BC560C ON0153 BC559C BC559BZL1 |
Low Noise Transistor PNP Low Noise Transistors CASE 29-04, STYLE 17 TO-2 (TO-226AA) From old datasheet system
|
ONSEMI[ON Semiconductor]
|
ADN2820 ADN2820ACHIPS ADN2820S21 |
10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter 10.7 Gbps的,3.3,低噪声,与平均功率监视器行业协 10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter SPECIALTY TELECOM CIRCUIT, UUC14 10.7 Gbps Low Noise, High Gain Transimpedance Amplifier IC with Performance Monitor
|
Analog Devices, Inc. Avago Technologies, Ltd. AD[Analog Devices]
|
MMBT5087L MMBT5087LT1 MMBT5087LT1-D MMBT5087LT3 |
Small Signal Low Noise Low Noise Transistor PNP Silicon
|
ON Semiconductor
|
HZS5LL HZS2ALL HZS2BLL HZS2CLL HZS2LL HZS3ALL HZS3 |
Diodes>Zener Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极
|
RENESAS[Renesas Electronics Corporation] Renesas Electronics, Corp.
|
EL2126CS-T EL2126CW-T EL2126CW-T7A EL2126CW-T7 EL2 |
Ultra-Low Noise/ Low Power/ Wideband Amplifier Op Amp, 100MHz Wideband, Ultra Low Noise 1.3nV/√Hz, Low Power, 2.5-15VDC Ultra-Low Noise Low Power Wideband Amplifier
|
INTERSIL[Intersil Corporation]
|
2SC4957 2SC4957-T1 2SC4957-T2 2SC4957NE68539E 2SC4 |
Microwave low-noise amplification silicon transistor HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 高频低噪声放大器NPN硅外延晶体管4个引脚微型模 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
NEC, Corp. NEC Corp.
|