PART |
Description |
Maker |
CSNE151-010 31NT91-1 32NT91-1 SNDH-T4L-G01 32NT91- |
Interactive Catalog Replaces Catalog Pages Interactive Catalog Supplements Catalog PDFs Intersctive Catalog Supplements Catalog PDFs Interactive Catalog Replaces Catalog PDFs
|
Honeywell Solid State Electronics Center Honeywell Accelerometers Honeywell Solid State Elect... Honeywell Solid State E... Honeywell Accelerometer...
|
142PC30A 142PC30D 142PC30G 142PC02D 142PC01G 142PC |
Interactive Catalog Replaces Catalog Pages
|
Honeywell Solid State Electronics Center
|
18CX10 LSZ52C LSZ51A LSZ51C LSZ52J LSZ52K LSZ53S L |
Interactive Catalog Supplements Catalog PDFs
|
Honeywell Solid State Electronics Center Honeywell Accelerometers Honeywell Accelerometer...
|
MOC8102 MOC8104 |
Automotive Catalog Fast-Transient-Response 1.5-A Low-Drop Voltage Regulator 20-HTSSOP -40 to 125 (MOC8101 / MOC8102 / MOC8103 / MOC8104 / MOC8105) 6-Pin DIP Optoisolators for Power Supply Applications
|
Motorola, Inc.
|
24PCDFN5G 24PCANG5G 24PCBNG5G 24PCCNG5G 24PCDNG5G |
Interactive Catalog Replaces Catalog Pages Interactive Catalog Replaces Catalog Pages
|
Honeywell Accelerometers Honeywell Accelerometer...
|
311SM3-T 11SM1077 11SM244-T 11SM1-T 11SM23-T 11SM4 |
Interactive Catalog Replaces Catalog Pages Interactive Catalog Replaces Catalog Pages
|
Honeywell Solid State Electronics Center Honeywell Accelerometers Honeywell Solid State Elect... Honeywell Solid State E... Honeywell Accelerometer...
|
12061C104M4T2A 12061C103K4T2A 08051C104K4T2A 0402Y |
Automotive MLCC Automotive AVX Corporation has supported the Automotive Industry requirements for Multilayer Ceramic Capacitors consistently for more than 10 years. Automotive MLCC Automotive MLCC Automotive
|
AVX Corporation
|
AT49F1614T-70CC AT49F1604T-70UC AT49F1604T-70UI AT |
10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-PDIP -40 to 85 Automotive Catalog Dual Positive-Edge-Triggered D-Type Flip-Flop 14-TSSOP -40 to 125 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-SOIC -40 to 85 Automotive Catalog Dual Positive-Edge-Triggered D-Type Flip-Flop 14-SOIC -40 to 125 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TSSOP -40 to 85 2M X 8 FLASH 5V PROM, 70 ns, PDSO48 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TVSOP -40 to 85 2M X 8 FLASH 5V PROM, 70 ns, PBGA48 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TSSOP -40 to 85 1M X 16 FLASH 5V PROM, 90 ns, PDSO48 16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory 2M X 8 FLASH 5V PROM, 70 ns, PBGA48
|
Atmel Corp. Atmel, Corp.
|
KBPC1006 KBPC10 KBPC15005 KBPC35005 KBPC3504 KBPC3 |
Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-SOIC -40 to 125 Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-SOIC 0 to 70 Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs 14-TVSOP -40 to 85 单相硅桥 Quadruple 2-Input Positive-NOR Gates 14-PDIP -40 to 85 Hex Schmitt-Trigger Inverters 14-SSOP -40 to 85 Hex Inverters 14-SOIC -40 to 85 SINGLE-PHASE SILICON BRIDGE
|
Semtech, Corp. GOOD-ARK[GOOD-ARK Electronics]
|
PE-69011 R0003 23Z87SM PE-68602 23Z104SM 23Z105SM |
Common Mode Choke Catalog for Datacom & Power - Datacom Section - (10/02) Dual EconoReset with Pushbutton Common Mode Choke Catalog for Datacom & Power - Datacom Section - (10/02) 共模电感产品的数据通信 3.3 Volt MicroMonitor Chip 共模电感产品的数据通信
|
HIROSE ELECTRIC Co., Ltd. Pulse Engineering, Inc.
|
AUIRFS6535 AUIRFS6535TRL AUIRFSL6535 |
Automotive Q101 300V Single N-Channel HEXFET Power MOSFET in a D2-Pak Package Automotive Q101 300V Single N-Channel HEXFET Power MOSFET in a TO-262 Package
|
International Rectifier
|