PART |
Description |
Maker |
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
KBPC35005 KBPC3504 KBPC3510 KBPC3501 KBPC3502 KBPC |
SINGLE PHASE SILICON BRIDGE RECTIFIER Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs 14-SSOP -40 to 85 单相硅桥式整流器 SINGLE PHASE SILICON BRIDGE RECTIFIER Voltage: 50 TO 1000V CURRENT:35A Hex Schmitt-Trigger Inverters 14-TVSOP -40 to 85
|
Shanghai Lunsure Electr... Shanghai LUNSURE Electronic Technology Co., Ltd. CHENYI[Shanghai Lunsure Electronic Tech] Chenyi Electronics 涓?捣???绉????????
|
DBI25005 DBI25-005 DBI25-01 DBI25-02 DBI25-04 DBI2 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE LAMBDA PART RoHS Compliant: Yes 3 PHASE, 4 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE XTAL CER SMT 6X3.5 2PAD Front Panel Terminals; For Use With:Lambda ZUP Series Switch Mode Power Supplies CRYSTAL OSCILLATOR CITIZEN CS1016.000MABJTR 16MHZ CS10
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
EH8008ZI EH8006ZI EH8004ZI EH8012ZI EH10002ZI EH10 |
3 PHASE BRIDGE MODULES 3 PHASE, 80 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE BRIDGE MODULES 3 PHASE, 80 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE BRIDGE MODULES 3 PHASE, 100 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE TV 13C 13#22D SKT WALL RECP
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
KBJ4MPT |
SINGLE PHASE SILICON RECTIFIER
|
Chenmko Enterprise Co. Ltd.
|
KBPC206 |
2A Single - Phase Silicon Bridge
|
Honey Technology
|
KBU4D KBU6A KBU8M KBU4A KBU4B KBU4G KBU4J KBU4K KB |
4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE
|
SEMTECH[Semtech Corporation]
|
MP610 MP6 MP6005 MP601 MP602 |
SINGLE-PHASE SILICON BRIDGE
|
CHENG-YI ELECTRONIC CO., LTD.
|