PART |
Description |
Maker |
HG4181012-A1AG HG4181012-A2AG HG4181 HG4181012-A1C |
Quadruple 2-Input Positive-NOR Buffers With Open-Collector 14-CDIP -55 to 125 Quadruple 2-Input Positive-NOR Buffers With Open-Collector 20-LCCC -55 to 125 Automotive Subminiature PCB Power Relay 汽车微型PCB功率继电
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC
|
AT49F8011-70CI AT49F8011-90CI AT49F8011T-90CC AT49 |
ATS-SSK 0525/110 Quadruple 2-Input Positive-NAND Gate 14-SO -40 to 85 Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 125 Quadruple 2-Input Positive-NAND Gate 14-TSSOP -40 to 125 8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory 512K X 16 FLASH 5V PROM, 90 ns, PBGA48 8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory 512K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
Atmel Corp. Atmel, Corp.
|
M27V402 M27V402-120B1TR M27V402-120B4TR M27V402-12 |
4 Mbit 256Kb x 16 Low Voltage UV EPROM and OTP EPROM 4兆位56Kb × 16低压紫外线存储器和OTP存储 Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 Quadruple 2-Input Positive-AND Gates 14-SO 0 to 70 Hex Inverters 14-SO 0 to 70 Quadruple 2-Input Positive-NOR Gates 14-PDIP 0 to 70 Quadruple 2-Input Positive-NAND Gates 14-PDIP 0 to 70 Quadruple 2-Input Positive-NOR Gates 14-SOIC 0 to 70 Hex Inverters 14-SOIC 0 to 70 Switch Mode Power Supply; Series:ZWS; Output Voltage:15VDC; Output Power Max:10W; Output Current:0.7A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC Switch Mode Power Supply; Output Power:100W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:8.5A; Power Supply Mounting:Open Frame; Approval Bodies:UL, CSA, CE; External Depth:222mm; External Width:62mm RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:10W; Output Current:0.85A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC Hex Inverters 14-PDIP 0 to 70 From old datasheet system 4 Mbit 512Kb x 8 Low Voltage OTP EPROM 4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LTC1871EMS |
Quadruple 2-Input Positive-AND Gate 14-SO -40 to 85
|
LINEAR TECHNOLOGY CORP
|
PO54G08A PO54G08AFU PO54G08ALU PO74G08ASR PO74G08A |
QUADRUPLE 2-INPUT POSITIVE-AND GATES
|
Potato Semiconductor Corporation
|
IDT74ALVC32 |
3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-OR GATE
|
IDT
|
74LS37 HD74LS37 |
Quadruple 2-input Positive NAND Buffers
|
Hitachi Semiconductor
|
U74HC00-S14-R U74HC00L-S14-T U74HC00 U74HC00-D14-T |
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
MAX668-MAX669 MAX668EUB MAX669EUB MAX669 MAX668 |
1.8V to 28V Input, PWM Step-Up Controllers in レMAX SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 1.8V to 28V Input, PWM Step-Up Controllers in MAX Quadruple 2-Line To 1-Line Data Selector/Multiplexer With 3-State Outputs 20-LCCC -55 to 125 QUADRUPLE 2-INPUT POSITIVE-OR GATES 14-CDIP -55 to 125 1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products, Inc.
|
M74LS132P |
Quadruple 2-Input Positive NAND Schmitt Trigger
|
Mitsubishi Electric
|