PART |
Description |
Maker |
IS24C08A-3PLA3 IS24C02A-3SLA3 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
24C016 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
Integrated Silicon Solution Inc
|
MAX17605 MAX17601 MAX17603 MAX17600 MAX17602 CAT24 |
4A Sink /Source Current, 12ns, Dual MOSFET Drivers 2K/4K-Bit Serial EEPROM with Partial Array Write Protection 2K/4K-Bit偏串行EEPROM阵列写保 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1K/2K/4K/8K/16K SPI 串行 互补型金属氧化物 电可擦可编程只读存储 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64K8K的8电池电压的CMOS E2PROM
|
Maxim Integrated Products Atmel, Corp. ON Semiconductor TE Connectivity, Ltd.
|
FM93C86A FM93C86AE FM93C86AV FM93C86 FM93C86AL FM9 |
IC-16K BIT SERIAL EEPROM 1K X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16K-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 16K-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FM24C16 FM24C16U FM24C16U_17U FM24C17UFTN FM24C16U |
16K--Bit Standard 2-Wire Bus Interface Serial EEPROM 16K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system I2C Serial EEPROM I2C串行EEPROM
|
FAIRCHILD[Fairchild Semiconductor] L-com, Inc. Fairchild Semiconductor, Corp.
|
CAT25C256LI-1.8-GT3 CAT25C256LI-1.8-GT2 CAT25C256L |
128K/256K-Bit SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, SOIC-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
http:// CATALYST[Catalyst Semiconductor]
|
CY27C128-120WMB CY27C128-150JC CY27C128-150WC CY27 |
128K (16K x 8-Bit) CMOS EPROM 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 120 ns, PDIP28 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 120 ns, PQCC32 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 45 ns, PDIP28 128K (16K x 8-Bit) CMOS EPROM 16K X 8 OTPROM, 150 ns, PDIP28 128K (16K x 8-Bit) CMOS EPROM 16K X 8 UVPROM, 200 ns, CDIP28
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
NM24C16 NM24C17 24C16 NM24C16LZEM8 NM24C16LEMT8 NM |
I2C Serial EEPROM 16K X 1 I2C/2-WIRE SERIAL EEPROM, PDSO8 16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
S524L50X51 |
16K-bit Serial EEPROM
|
SAMSUNG[Samsung semiconductor]
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
LTC1609 LTC1609ACSW LTC1609AISW LTC1609CG LTC1609C |
Round, Jacket Mass-Terminated Cable, 3659/40 28 AWG, .050 (1.27) 3-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 16-Bit, 200ksps, Serial ADC with Multiple Input Ranges 16-Bit, 200ksps, ADC, Serial Interface 16-Bit, 200ksps, Serial Sampling ADC
|
Linear Technology, Corp.
|