PART |
Description |
Maker |
408-8737 |
The die assembly consists of an indenter die and nest die. Each die is held in the tool by a single screw
|
Tyco Electronics
|
2-1105870-8 C-2-1105870-8 |
HTS-DIE SET FOR HSK, HSM AND HSS CONTACTS THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION.
|
Tyco Electronics
|
0-0519024-2 5-0744010-1 1-0519151-3 1-0519151-1 3- |
ERGOCRIMP-DIE SET ERGOCRIMP MATRIZE
|
Tyco Electronics
|
1061149000 |
MPO Swivel EMI Adapter, Simplex, Singlemode or Multimode, Die-Cast, Set Screw
|
Molex Electronics Ltd.
|
AM29F100-1 AM29F100B-120DGC AM29F100B-120DGC1 AM29 |
1 megabit CMOS 5.0 volt-only, boot sector flash memory 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1 Hex Inverters 14-VQFN -40 to 85 1兆位28x 8-Bit/64x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 120 ns, UUC47 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 1兆位28亩x 8-Bit/64亩x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 Hex Inverters 14-TSSOP -40 to 85 1兆位28亩x 8-Bit/64亩x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. PROM ADVANCED MICRO DEVICES INC
|
CD4049UBC CD4050B CD4050BC CD4049UBC02 CD4050BCN C |
LOGIC GATE|HEX INVERTER|CMOS|SOP|16PIN|PLASTIC HEX INVERTING BUFFER HEX NON-INVERTING BUFFER Hex Inverting Buffer • Hex Inverting Buffer ?Hex Non-Inverting Buffer
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFW540 IRFW540A IRFI540A IRFWI540A IRFW540ATM |
Advanced Power MOSFET 28 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA 100V N-Channel A-FET N-CHANNEL POWER MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
UR732HTTPR10F UR73D2HTTPR10F UR73D3ATTDR10F UR73D1 |
current sensing chip resistor RESISTOR, CURRENT SENSE, METAL GLAZE/THICK FILM, 0.25 W, 1 %, 100 ppm, 0.068 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT
|
KOA Speer Electronics, ... KOA Speer Electronics, Inc. http:// KOA Speer Electronics,Inc.
|
HUF76107P3 |
20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs 20A 30V 0.052 Ohm N-Channel Logic Level UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
2SK317609 2SK3176 2SK3176PBF |
30 A, 200 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET Switching Regulator, DC-DC Converter and Motor Drive Applications
|
Toshiba Semiconductor
|
74ACTQ0407 74ACTQ04 74ACTQ04SJX 74ACTQ04SJ 74ACTQ0 |
Quiet Series Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series⑩ Hex Inverter Quiet Series?Hex Inverter
|
Fairchild Semiconductor, Corp.
|