PART |
Description |
Maker |
V23818-K305-L17 V23818-K305-L55 V23818-K305-L57 V2 |
Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX, (AC/AC coupling), 1.25 GBit/s LC, 2x5, 3.3V Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC Connector Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC⑩ Connector SMALL FORM FACTOR MULTIMODE 850 NM 1.0625 GBD FIBRE CHANNEL 1.25 GIGABIT ETHERNET TRANSCEIVER 2X5 PINNING WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LCConnector
|
Infineon Technologies AG
|
HFBR-5710L HFBR-5710LP HFBR-0571 |
HFBR-0571 · Evaluation Kit for Small Form Factor Pluggable (SFP) Gigabit Ethernet and Fibre Channel Applications HFBR-5710L · 1.25 GBd MMF Small Form Factor Pluggable (SFP) Transceiver for Gigabit Ethernet: Standard delatch HFBR-5710LP · 1.25 GBd MMF Small Form Factor Pluggable (SFP) Transceiver for Gigabit Ethernet: Bail-wire delatch Small Form Factor Pluggable Optical Transceiver for Gigabit
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
BCM56101 BCM5848U |
24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH ONE 10-GIGABIT ETHERNET/HIGIG PORT 24端口快速以太网端口千兆以太网多层交换机,可以用一10-GIGABIT以太 HIGIG港口
|
Broadcom Corp. Broadcom, Corp.
|
QQ8101 QQ8104 8101/8104 |
(QQ8101 / QQ8104) Gigabit Ethernet Controller 8101/8104 Gigabit Ethernet Controller technical manual 11/01 八千一百○四分之八千一百○一千兆以太网控制器技术手1/01
|
LSI Logic PhaseLink, Corp.
|
BCM5345M |
24-Port Gigabit Ethernet Managed Switch 24 PORT GIGABIT ETHERNET SWITCHING PROCESSOR
|
Broadcom Corporation.
|
BCM5696 BCM569604 BCM5696B0IPBG |
MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH 12-Port Multilayer Gigabit Ethernet Switch MULTILAYER 12 PORT GIGABIT ETHERNET SWITCH RJ 45 Jack, LED, Unshielded, Thru Hole, Side Entry, 8P/8C
|
BOARDCOM[Broadcom Corporation.] Electronic Theatre Controls, Inc.
|
SM840002 SM840002KA SM840002KATR |
ClockWorks Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
|
Micrel Semiconductor
|
X5585999T4-F S5585999T4-F X558-5999-T4-F S558-5999 |
DATACOM TRANSFORMER FOR ETHERNET APPLICATION(S) GIGABIT ETHERNET MAGNETICS
|
Bel Fuse Inc.
|
HDMP-1638 |
Gigabit Ethernet Transceiver Chip with Dual Serial I/O and Differential PECL Clock Inputs(带双路串行I/O和差分PECL时钟输入的千兆位以太网收发器) HDMP-1638 · 1.25 GBd Transceiver Chip with Dual Serial I/O and Differential PECL Clock Inputs for GbE
|
Agilent (Hewlett-Packard)
|
GBIC-1250B3FR GBIC-1250B5QR GBIC-1250A3FR GBIC-125 |
RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet RoHS Compliant 1250Mbps Gigabit Interface Converters (GBIC) Transceiver Module for Gigabit Ethernet
|
DELTA[Delta Electronics, Inc.]
|
FGP-1000-16 |
10-Port Fast Ethernet PoE Switch, 1 x RJ45 Gigabit, 1 x SFP Gigabit, 9 PoE Outputs, 115W
|
Level One
|
AD9574BCPZ AD9574BCPZ-REEL7 |
Ethernet/Gigabit Ethernet Clock Generator
|
Analog Devices
|