PART |
Description |
Maker |
HER108 HER106 HER107 |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V) HIGH EFFICIENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts, Forward Current - 1.0Amperes
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor] Chenyi Electronics
|
AAT3171IWP-T1 AAT3171 |
High Current, High Efficiency Charge Pump with Auto-Timer
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
FAN5332ASX FAN5332A |
High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
|
FAIRCHILD[Fairchild Semiconductor]
|
AAT3174IWP-T1 |
High Current, High Efficiency Charge Pump
|
Advanced Analogic Technologies, Inc.
|
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
KSQ60A03LB |
Low Forward Voltage Drop Low Power Loss, High Efficiency, High Surge Current Capability
|
NIEC[Nihon Inter Electronics Corporation]
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
41PCT170T4-R/G/G/G |
T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDTRONICS INC
|
ISOPAC01 ISOPAC0103 ISOPAC0104 ISOPAC0111 ISOPAC01 |
High Current High density Isolated Silicon Power Rectifier(????靛?600V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存??? High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?纭?????娴??) High-Current Isolated Rectifier Assemblies. 150 V-1000 V. 10 nS - 2 microseconds 大电流隔离整流器大会150 V000五,10纳秒- 2微秒 HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存???
|
International Rectifier, Corp. Semtech Corporation
|
MAX1698_07 MAX1698 MAX1698AEUB MAX1698EUB MAX16980 |
High-Efficiency Step-Up Current Regulator for LEDs
|
MAXIM[Maxim Integrated Products]
|
AT1314 AT1314S-GRE |
HIGH-EFFICIENCY STEP-DOWN CURRENT REGULATOR FOR LEDS
|
Aimtron Technology Corp.
|
MTN3630-AHR MTN3630-AUR MTN3620-CHR MTN3620-CUR MT |
High efficiency & ultra bright numeric. .53 inches digit size - R.H.D.P.. Emitted color red. HIGH EFFICIENCY & ULTRA BRIGHT NUMERICS RECTIFIER STANDARD SINGLE 1A 200V 200 30A-ifsm 5uA-ir 1V-vf A405 5K/REEL-13 HIGH EFFICIENCY & ULTRA BRIGHT NUMERICS 高效 High efficiency & ultra bright numeric. .56 inches digit size - R.H.D.P.. Emitted color red.
|
Marktech Optoelectronics MARKTECH[Marktech Corporate] Atmel, Corp.
|