PART |
Description |
Maker |
EL7583 EL7583IR EL7583IR-T7 |
DC-DC Converter, 3-Channel, TFT/LCD Applications, VIN =2/14V, VBOOST , VON , VOFF , IBOOST 350mA 3-Channel DC-DC Converter
|
INTERSIL[Intersil Corporation]
|
AD7912 AD7912ARM AD7912ARM-REEL AD7912ARM-REEL7 AD |
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 12-Bit A/D Converter 2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-Bit A/D Converter 2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs Data Acquisition System - Datasheet Reference
|
AD[Analog Devices] Analog Devices Inc
|
HV4622PG HV4622PJ HV4622X HV4522 HV4522DJ HV4522PG |
32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
|
Supertex Inc SUTEX[Supertex, Inc]
|
ADUM5400 |
Quad-Channel Isolator with Integrated DC-to-DC Converter (4/0 channel directionality)
|
Analog Devices
|
AD10226/PCB AD10226AB AD10226-15 |
Dual Channel, 12-Bit 125 MSPS IF Sampling A/D Converter ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
|
Analog Devices, Inc.
|
AHE2812D-MSTR AHE2812D/CH-SLV AHE2812D/CH-MSTR AHE |
Ultralow Power Dual Comparators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel, ±10V Input 12-Bit, 100ksps ADC Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C DC to DC Converter DC至DC转换 DC to DC Converter DCDC转换
|
International Rectifier, Corp. OlympicControls, Corp.
|
2SK2606 |
N CHANNEL MOS TYPE (DC-DC CONVERTER/ RELAY DRIVE AND MOTOR DRIVE APPLICATIONS) N CHANNEL MOS TYPE (DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS) Field Effect Transistor Silicon N Channel MOS Type (pi-MOSIII) DC .DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
2SJ596 2SJ596TP-FA |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 8A I(D) | TO-252VAR P-Channel Silicon MOSFET DC / DC Converter Applications
|
SANYO[Sanyo Semicon Device]
|
ADC12DJ3200ZEG ADC12DJ3200-19 |
<font color=red>[Old version datasheet]</font> 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
|
TI store
|