PART |
Description |
Maker |
74ALVC16373/D 74ALVC16373-D |
Low-Voltage 1.8/2.5/3.3 V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Inverting) Low-Voltage 1.8/2.5/3.3 V 16-Bit D-TYpe Flip-Flop
|
ON Semiconductor
|
74LVTH322245G 74LVT322245G 74LVTH322245 74LVT32224 |
Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25-Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25з Series Resistors in A Port Outputs LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25蟹 Series Resistors in A Port Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
74LVTH16501 74LVTH16501MTD 74LVTH16501MEA 74LVTH16 |
8K SPI 1K X 8, 17B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE LVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary Low Voltage 18-Bit Universal Bus Transceivers with Bushold and 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
IDT74CBTLVR3862PY IDT74CBTLVR3862PG |
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES CBTLV/3B SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
Integrated Device Technology, Inc.
|
TMP87C409BN TMP87C409BM 87C809 TMP87C809BN TMP87C8 |
(TMP87Cx09xx) CMOS 8-bit Microcontroller Low Voltage, Low Power, 16-/24-Bit, Dual Sigma Delta ADC; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD
|
Toshiba Semiconductor Toshiba Corporation
|
MAX501 MAX501ACNG MAX501ACWG MAX501AENG MAX501AEWG |
RELAY 电压输出2位乘法数模转换器 JT 15C 14#20 1#16 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Voltage-Output / 12-Bit Multiplying DACs Voltage-Output 12-Bit Multiplying DACs Voltage-Output, 12-Bit Multiplying DACs
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
FXLA0104 FXLA0104QFX |
Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
|
Fairchild Semiconductor
|
74VCXH32245LBR 74VCXH32245 74VCXH32245LB |
LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER(3-STATE) WITH 3.6V TOLERANT INPUT AND OUTPUT LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS 低电压CMOS 32位总线收发器(3 - TOLERANTAT国家.6V的输入和输出
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|