PART |
Description |
Maker |
X28HC64TMB-90 X28HC64 X28HC64DI-12 X28HC64DI-70 X2 |
5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 120 ns, CDFP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 90 ns, CQCC32 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 90 ns, CPGA28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 70 ns, CDIP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 70 ns, CDFP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 70 ns, PDIP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 90 ns, PDIP28
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
X28C64DMB- X28C64 X28C64D X28C64D-15 X28C64D-20 X2 |
5 Volt, Byte Alterable E2PROM 5 Volt/ Byte Alterable E2PROM
|
XICOR[Xicor Inc.]
|
X28ST010 |
High Temperature, 5 Volt, Byte Alterable E2PROM 128K x 8 Bit
|
Xicor
|
X28HC64JIZ-90 X28HC64SZ-70 |
5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 70 ns, PDSO28
|
Intersil, Corp.
|
X28C010FI-20 X28C010FMB-15C7808 X28C010FMB-15C7619 |
CAP 6.8PF 100V .10 PF NP0(C0G) SMD-0603 TR-7 PLATED-NI/SN Controller IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Controller IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Reel Quantity:2500 5 Volt, Byte Alterable EEPROM 128K X 8 EEPROM 5V, 120 ns, CDIP32 CAP 6.8PF 100V .25 PF NP0(C0G) SMD-0603 TR-13 PLATED-NI/SN 128K X 8 EEPROM 5V, 250 ns, CDFP32 5 Volt, Byte Alterable EEPROM 128K X 8 EEPROM 5V, 250 ns, CPGA36 5 Volt, Byte Alterable EEPROM 128K X 8 EEPROM 5V, 200 ns, CDSO32
|
Intersil Corporation PROM Intersil, Corp.
|
X28HC64_06 X28HC64 X28HC64EM-70 X28HC64J-70 X28HC6 |
5 Volt, Byte Alterable EEPROM
|
INTERSIL[Intersil Corporation]
|
X28HC256D-12 X28HC256PZ-12 X28HC256PZ-15 X28HC256P |
256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 200 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-PDIP 32K X 8 EEPROM 5V, 90 ns, PDIP28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 5V, Byte Alterable EEPROM
|
Intersil, Corp. Intersil Corporation
|
X28C513JIZ-12T1 X28C513JZ-15T1 X28C512EM-25 |
5V, Byte Alterable EEPROM 5V, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC T&R 64K X 8 EEPROM 5V, 150 ns, PQCC32 5V, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 64K X 8 EEPROM 5V, 120 ns, PQCC32
|
Intersil Corporation Intersil, Corp.
|
X28HC25607 X28HC256DM-12 X28HC256KM-90 X28HC256JIZ |
5V, Byte Alterable EEPROM
|
Intersil Corporation http://
|
ATTINY13 |
1-Kbyte In-System programmable Flash Program Memory, 64-Byte SRAM, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 16 MIPS throughput at 16 MHz, 5 Volts. 1.8 - 5.5 Volt Operation.
|
Atmel
|
TC58V64BDC |
64-MBIT (8M x 8 BITS) CMOS NAND E PROM (8M BYTE SmartMedia ) 64-MBIT (8M 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM) 64-MBIT (8M x 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM)
|
TOSHIBA[Toshiba Semiconductor]
|
|