PART |
Description |
Maker |
GS820H32Q-5I GS820H32T-150I GS820H32GT-5I GS820H32 |
100MHz 12ns 64K x 32 2M synchronous burst SRAM 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 9 ns, PQFP100 117MHz 11ns 64K x 32 2M synchronous burst SRAM 138MHz 9.7ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology, Inc.
|
IDT71V633 IDT71V633S11PF IDT71V633S11PFI |
64K x 32 3.3V Synchronous SRAM Flow-Through Outputs Burst Counter, Single Cycle Deselect 64K X 32 CACHE SRAM, 11 ns, PQFP100
|
Integrated Device Technology, Inc.
|
CY7C1334H-166AXC |
2-Mbit (64K x 32) Pipelined SRAM with NoBLArchitecture 64K X 32 ZBT SRAM, 3.5 ns, PQFP100
|
Cypress Semiconductor, Corp.
|
DS38464-070 |
3.3V 64k x 40 NV SRAM SIMM 64K X 40 NON-VOLATILE SRAM MODULE, 70 ns, SMA72
|
Maxim Integrated Products, Inc.
|
AS7C31026B AS7C31026B-10JCN AS7C31026B-10JI AS7C31 |
SRAM - 3.3V Fast Asynchronous Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SOIC -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SSOP -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-TSSOP -40 to 85 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SSOP -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SOIC -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
CY7C1298F CY7C1298F-133AC |
1-Mbit (64K x 18) Pipelined DCD Sync SRAM 64K X 18 STANDARD SRAM, 4 ns, PQFP100 1-Mb (64K x 18) Pipelined DCD Sync SRAM
|
Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|
CY7C0851AV-167BBC CY7C0851AV-133AXC CY7C0852AV-133 |
FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PBGA172 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
AS7C31026 AS7C31026-10 AS7C31026-10BC AS7C31026-10 |
5V/3.3V 64K16 CMOS SRAM 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 CONN SOCKET IC 16-PIN SMD 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 CONN SOCKET IC 18-PIN SMD 8-Bit Parallel-Load Shift Registers 16-SO -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
IDT707288L IDT707288L20G IDT707288L20PF IDT707288L |
HIGH-SPEED 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS 64K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 Low-Noise JFET-Input Operational Amplifier 8-SOIC 0 to 70
|
Integrated Device Technology, Inc. IDT
|
PT239910 PT2399-SN |
Echo Processor IC
|
Princeton Technology Corp
|
ES56030 ES56030E |
ECHO SOUD PROCESSOR (8K)
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|