PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M37708S1LGP M37702S1LHP M37708S1LHP M37702M2L-249H |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 Single Chip 16 Bits CMOS Microcomputer(16位单片机) 单片微机16位的CMOS6位单片机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
S3C9434 S3P9432 |
8-Bit Single-Chip CMOS Microcontrollers 8-bit single-chip CMOS microcontroller. OTP version.
|
Samsung Electronic
|
M3062AFCVGP M30626FHPFP M30626FHPGP M30627FHPGP M3 |
Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K 4K bytes, RAM capacity = 20K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 96K bytes, RAM capacity = 5K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K bytes, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K 4K bytes, RAM capacity = 4K bytes, Single-chip 16-bit CMOS microcomputer, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 512K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K bytes, RAM capacity = 20K bytes
|
Renesas
|
80C32-L16 80C32-20 80C52-30 80C52-25 P80C32 80C32- |
CMOS 0 to 44 MHz Single Chip 8-bit Microntroller CMOS 0 to 44 MHz Single Chip 8?bit Microntroller CMOS 0 to 44 MHz Single Chip 8bit Microntroller 04岁的CMOS单芯兆赫?位Microntroller
|
Integrated Device Technology, Inc. Sharp, Corp. Welwyn Components, Ltd. Grayhill, Inc. TEMIC Semiconductors
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
M34570E8 M34570E8FP M34570ED M34570EDFP M34570M4 M |
SINGLE-CHIP 4-BIT CMOS MICROCOMRUTER SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
LC66562B |
12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
LC66354B |
Four-bit Single-Chip Microcontrollers On-Chip 4 K/6 K/8 K-byte ROM CMOS LSI
|
Sanyo
|
|