PART |
Description |
Maker |
CPH3223 CPH3123 |
Low-Saturation Voltage Transistors PNP / NPN EPITAXIAL PLANAR SILICON TRANSISTORS HIGH-CURRENT SWITCHING APPLICATIONS
|
Sanyo Semicon Device
|
2SB1201 2SD1801 0738 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1707 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BSS69 BSS69R BSS70R BSS70 BSS70R-L7 BSS69-L2 BSS69 |
100 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR Element Material:Wirewound; Temperature Coefficient: /-50 ppm RoHS Compliant: No SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
|
ZETEX PLC List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] ZETEX[Zetex Semiconductors] http://
|
MCA104 |
Multi-Chip Array Two NPN and Two PNP High Speed / Medium Power Switching Transistors MULTI-CHIP ARRAY TWO NPN AND TWO PNP HIGH SPEED, MEDIUM POWER SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
Semelab PLC SEME-LAB[Seme LAB]
|
BCM857BS BCM857BV BCM857BV115 BCM857DS135 BCM857DS |
PNP/PNP matched double transistors; Package: SOT457 (SC-74); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors
|
NXP Semiconductors N.V.
|
BSR15 |
PNP switching transistors
|
NXP Semiconductors
|
2N2907-BP 2N2907A 2N2907A-BP |
PNP Switching Transistors
|
天津环球磁卡股份有限公司 Micro Commercial Components
|
2N2907 |
PNP switching transistors
|
NXP Semiconductors
|
2N5680 |
PNP SWITCHING TRANSISTORS
|
Comset Semiconductor
|
BC327-16 BC328-16 BC327 BC327-25 BC327-40 BC328-40 |
Si-Epitaxial PlanarTransistors 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE/ SWITCHING) Amplifier Transistors(PNP) PNP general purpose transistor
|
KEC(Korea Electronics) Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Motorola Inc Philips Semiconductors
|
2SD1683 2SB1143 2SD1682R |
TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 2.5A I(C) | TO-126 PNP/NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistors 50V/4A Switching Applications PNP Epitaxial Planar Silicon Transistors 50V/4A Switching Applications
|
Sanyo
|