PART |
Description |
Maker |
ISP814XSM |
HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
|
Panasonic Semiconductor ISOCOM COMPONENTS
|
TLP621-2 TLP621-4 TLP621 |
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
|
ISOCOM COMPONENTS
|
ISP844X ISP81408 ISP814X ISP824X |
HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
|
ISOCOM COMPONENTS
|
IS357A |
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ISOCOM
|
ISP521-1 ISP521-1X ISP521-108 ISP521-2 ISP521-2X I |
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
|
ISOCOM COMPONENTS
|
IS201 |
(IS201 - IS204) HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
|
ISOCOM COMPONENTS
|
IS203-SM ISD204 ISD202 ISD203 IS204 IS202 ISQ204 I |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
|
ISOCOM COMPONENTS LTD
|
PS2505-4X PS2505-1 PS2505-1X PS2505-2 PS2505-2X PS |
HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 4 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER
|
Isocom Components, Ltd.
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
ISP321-2 ISP321-4 |
6V, 50mA hihg density mounting phototransistor optically coupled isolator
|
ISOCOM
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|