PART |
Description |
Maker |
LB1205-L-E LB1205Z-E LB1205L-E |
High-Voltage, Large-Current Darlington Driver
|
ON Semiconductor
|
LB1205M LB1205M08 |
High-Voltage, Large-Current Darlington Driver
|
Sanyo Semicon Device
|
2SC4616 |
Large current calcity (IC=2A) High blocking voltage(VCEO 400V)
|
TY Semiconductor Co., Ltd
|
DN8695 |
9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
|
PANASONIC[Panasonic Semiconductor]
|
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
SKIIP03NAC066V1 |
Large Current 300mA CMOS LDO Regulators; Output voltage (V): 2.8; Output current (mA): 300; Supply voltage (V): 2.5 to 5.5; I/O voltage difference (mV): 60; Ripple rejection (dB): 60; Circuit current (µA): 65; Package: HVSOF6 3-phase bridge rectifier 3-phase bridge inverter
|
Semikron International
|
2SD1691L-X-TA3-T 2SD1691G-X-T60-K 2SD1691G-X-T6C-K |
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT 5 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
UNISONIC TECHNOLOGIES CO LTD
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
DP500F |
Suitable for low voltage large current drivers Suitable for low voltage large current drivers
|
KODENSHI KOREA CORP.
|
2SD1012 |
NPN Epitaxial Planar Silicon Transistors Low-Voltage Large-Current Amplifier Applications
|
SANYO
|
PQ05VY3H3Z PQ05VY3H3ZZ PQ05VY053Z PQ05VY053ZP PQ05 |
Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulator
|
SHARP[Sharp Electrionic Components]
|
TC4422VSM.SM713 TC4421 TC4421_04 TC4421CAT TC4421C |
The TC4421/4422 are high current buffer/drivers capable of driving large MOSFETs and IGBTs. They are essentially immune to any form ... 9A High-Speed MOSFET Drivers
|
MICROCHIP[Microchip Technology]
|