PART |
Description |
Maker |
KMI18/4 |
Integrated rotational speed sensor
|
Philips
|
KMI15 |
Integrated rotational speed sensor
|
Philips
|
KMI20/1 |
Rotational speed sensor for extended air gap application
|
Philips
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
MAX1716 MAX1716EEG MAX1716-MAX1855 MAX1854 MAX1854 |
High-Speed / Adjustable / Synchronous Step-Down Controllers with Integrated Voltage Positioning High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning " High-Speed, Digitally Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
RAME027R10712AB RAME027-17 |
Rotational Absolute Magnetic Encoder Displacement Sensor
|
Vishay Siliconix
|
MD1711 MD1711FG |
HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
|
Supertex Inc SUTEX[Supertex, Inc] Supertex, Inc.
|
HV732 |
High Speed 【100V 2A Integrated Ultrasound Pulser
|
SUTEX[Supertex, Inc]
|
NTE1680 |
Integrated Circuit High Speed, 6 Diode Array, Common Anode
|
NTE[NTE Electronics]
|
CX94615 |
High Speed ADSL2plus Chipset with Integrated Wireless LAN and Voice
|
Conexant Systems, Inc
|