PART |
Description |
Maker |
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRL520NL IRL520NSTRR |
100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package 100V的单N沟道HEXFET功率MOSFET的采用TO - 262封装
|
International Rectifier, Corp.
|
AUIRLS4030TRR AUIRLSL4030 |
Automotive Q101 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak Package 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRF1310NL IRF1310NS IRF1310NSTRL IRF1310NSTRR |
100V Single N-Channel HEXFET Power MOSFET in a TO-262 package 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRF9540NL IRF9540NS IRF9540NSTRL |
-100V Single P-Channel HEXFET Power MOSFET in a TO-262 package -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
PB-IRF3710ZL IRF3710ZSTRL |
Leaded 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package Leaded 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRFI9530G IRFI9530GPBF |
-100V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
|
IRF[International Rectifier]
|
IRFL9110 IRFL9110TR |
-100V Single P-Channel HEXFET Power MOSFET in a SOT-223 package Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-1.1A)
|
IRF[International Rectifier]
|
IRFE120 JANTX2N6788U |
100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package HEXFET?TRANSISTORS HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
|
IRF[International Rectifier]
|