PART |
Description |
Maker |
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
IRLMS4502 IRLMS4502TR |
-12V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package
|
International Rectifier
|
IRLML6401 IRLML6401TR IRLML6401PBF |
-12V Single P-Channel HEXFET Power MOSFET in a Micro 3 package HEXFETPower MOSFET 4.3 A, 12 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET
|
International Rectifier
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
X24C04V-1.8 X24C04PI-1.8 X24C04V-2.7 X24C04MI-1.8 |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3709ZCS with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3713L with Standard Packaging I2C Serial EEPROM 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46NS with Tape and Reel Right Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3303 with Standard Packaging I2C串行EEPROM
|
Electronic Theatre Controls, Inc.
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRF2807Z IRF2807ZS IRF2807ZL |
75V Single N-Channel HEXFET Power MOSFET in a D2Pak Package 75V Single N-Channel HEXFET Power MOSFET in a TO-262 Package 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Advanced Process Technology
|
IRF[International Rectifier]
|
IDT61298S25TC IDT61298S25TCB IDT61298S25L28B IDT61 |
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package x4的SRAM 80V Single N-Channel HEXFET Power MOSFET in a D-Pak package x4的SRAM 600V Fast 1-8 kHz Discrete IGBT in a D2-Pak package x4的SRAM x4 SRAM x4的SRAM
|
STMicroelectronics N.V. Unisonic Technologies Co., Ltd. HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
IRFB23N15 IRFSL23N15D IRFB23N15DPBF IRFS23N15D |
Power MOSFET(Vdss=150V/ Rds(on)max=0.090ohm/ Id=23A) 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|