PART |
Description |
Maker |
S4111-46Q S4111-16Q S4111-16R S4114-46Q S4114-35Q |
MOSFET, Switching; VDSS (V): 500; ID (A): 19; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.325; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: 0.093; Package: TO-220FN MOSFET, Switching; VDSS (V): 500; ID (A): 25; Pch : -; RDS (ON) typ. (ohm) @10V: 0.21; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 103; Package: TO-3P Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR 硅光电二极管阵列16356元素硅的紫外到近红外光电二极管阵
|
Hamamatsu Photonics K.K.
|
SFF440M |
8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET 8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254
|
Solid State Devices, Inc.
|
SFF440-28 |
8 AMP 500 Volts 0.88 OHM N-Channel POWER MOSFET 8 A, 500 V, 0.86 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
SFF430Z |
4.5 AMP 500 Volts 1.5 OHM N-Channel POWER MOSFET 4.5 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Solid State Devices, Inc.
|
IRF830 FN1582 |
4.5A/ 500V/ 1.500 Ohm/ N-Channel Power MOSFET From old datasheet system 4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
STP6NB50 STP6NB50FP |
3.4 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 5.8 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL ENHANCEMENT MODE POWERMESH MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
SA80 SA51 SA110 SA100 SA43 SA22 SA45A SA150A SA48A |
5.0 thru 170 volts 500 Watts Transient Voltage Suppressors 5.0 thru 170 volts 500 Watts Transient Voltage Suppressors 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-41 TOOL LONGNOSE ANTI-SHOCK SHEAR RES 21.5 OHM 1/16W .5% 0603 SMD
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-SCOTTSDALE
|
IRFP230 SSH40N15A SSH20N50A IRFP330 SSH60N10A |
9 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 40 A, 150 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 20 A, 500 V, 0.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 5.5 A, 400 V, 1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 60 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P
|
FAIRCHILD SEMICONDUCTOR CORP
|
2SK2572 |
15 A, 500 V, 0.5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
PANASONIC CORP
|
2SK1524 FP15W50 |
15 A, 500 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET
|
|
|