PART |
Description |
Maker |
Q67100-Q1135 Q67100-Q1136 Q67100-Q1143 Q67100-Q112 |
3.3V 4M x 4-Bit EDO-Dynamic RAM 3.3 4米4位江户动态随机存储器 High-Speed Fully-Differential Amplifiers 8-SOIC -40 to 85 4M X 4 EDO DRAM, 70 ns, PDSO24 3.3V 4M x 4-Bit EDO-Dynamic RAM 4M X 4 EDO DRAM, 50 ns, PDSO24 3.3V 4M x 4-Bit EDO-Dynamic RAM 4M X 4 EDO DRAM, 70 ns, PDSO24
|
http:// SIEMENS A G SIEMENS AG
|
HYB3116405BT-50 HYB5117405BJ-50 HYB3117405BJ-50 HY |
RES 100K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 10K/REEL-7IN-PA 4M X 4 EDO DRAM, 60 ns, PDSO24 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 4M X 4 EDO DRAM, 60 ns, PDSO24 4M×4-Bit Dynamic RAM(2k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (2K刷新,超级页面EDO)) 4M×4-Bit Dynamic RAM(4k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (4K刷新,超级页面EDO)) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS AG http:// Siemens Semiconductor Group
|
GM71V17403C GM71V17403C-5 GM71V17403C-6 GM71V17403 |
CMOS DRAM 4,194,304 words x 4 bit, 3.3V, 50ns 4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4Mx4|3.3V|2K|5/6/7|FP/EDO DRAM - 16M x4 EDO Page Mode DRAM 4M X 4 EDO DRAM, 70 ns, PDSO24
|
Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
V53C16258L V53C16258SLT40 V53C16258SLT45 V53C16258 |
HIGH PERFORMANCE 3.3 VOLT 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH 256K X 16 EDO DRAM, 50 ns, PDSO40
|
Mosel Vitelic, Corp. Mosel Vitelic Corp MOSEL-VITELIC
|
HYB3166165AT-40 HYB3166165ATL-50 INFINEONTECHNOLOG |
4M x 16-Bit Dynamic RAM 4M X 16 EDO DRAM, 40 ns, PDSO50 4M x 16-Bit Dynamic RAM 4M X 16 EDO DRAM, 50 ns, PDSO50
|
SIEMENS AG SIEMENS A G
|
HYB3164805BT-40 HYB3165805BT-40 HYB3165805BJ-40 HY |
8M x 8-Bit Dynamic RAM 8M X 8 EDO DRAM, 50 ns, PDSO32
|
http:// SIEMENS AG
|
IS41LV16256B-35KL IS41LV16256B-60T |
256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 256K X 16 EDO DRAM, 60 ns, PDSO40 256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 256K X 16 EDO DRAM, 35 ns, PDSO40
|
Integrated Silicon Solu... Integrated Silicon Solution, Inc.
|
GM71C17800C GM71C17800C-5 GM71C17800C-7 GM71C17800 |
x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 60 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 70 ns, PDSO28 2Mx8|5V|2K|5/6|FP/EDO DRAM - 16M IC LOGIC 1G125 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS -40 85C SOT-23-5 3000/REEL 2/097/152 WORDS x 8 BIT CMOS DYNAMIC RAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
IS41C16128-35T IS41C16128-35TI IS41C16128-35K IS41 |
128K x 16 (2-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 128K X 16 EDO DRAM, 35 ns, PDSO40 128K x 16 (2-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 128K X 16 EDO DRAM, 40 ns, PDSO40 128K x 16 (2-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 128K X 16 EDO DRAM, 45 ns, PDSO40 128K x 16 (2-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 128K X 16 EDO DRAM, 50 ns, PDSO40 128K x 16 (2-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 128K X 16 EDO DRAM, 60 ns, PDSO40
|
Integrated Silicon Solution, Inc.
|
UPD4217805LLE-A50 UPD42S17805LLE-A50 UPD4217805LG5 |
3.3V OPERATION 16 M-BIT DYNAMIC RAM 2M-WORD BY 8-BIT,EDO x8 EDO Page Mode DRAM x8 EDO公司页面模式DRAM 3.3V OPERATION 16 M-BIT DYNAMIC RAM 2M-WORD BY 8-BIT,HYPER PAGE MODE 3.3运行16位动态随机存储器2m-word8位,超页模式
|
NEC TOKIN America Inc. NEC TOKIN, Corp.
|
MSM51V4265 MSM51V4265E MSM51V4265E-70TS-K |
256K X 16 EDO DRAM, 70 ns, PDSO40 DRAM / FAST PAGE MODE TYPE 262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
|
LAPIS SEMICONDUCTOR CO LTD OKI electronic componets
|
HYB5116405BJ-50 HYB5116405BJ-60 HYB5117405BJ-70 HY |
4M x 4-Bit Dynamic RAM 2k & 4k Refresh 4M X 4 EDO DRAM, 70 ns, PDSO24 POWERLINE: RP12-S_DA - 2:1 Wide Input Voltage Range- 12 Watts Output Power- 1.6kVDC Isolation- Over Current Protection- Five-Sided Continuous Shield- Standard DIP24 and SMD-Pinning- Efficiency to 88% 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS A G SIEMENS AG http:// Siemens Semiconductor G...
|