PART |
Description |
Maker |
HFA1110_883 FN3620 HFA1110MJ_883 HFA1110MJ/883 HFA |
750MHz, Low Distortion Unity Gain, Closed Loop Buffer FN3620.2 750MHz, Low Distortion 750MHz, Low Distortion From old datasheet system XO 156.25MHZ 50PPM 3.3V 15PF-LOAD SMD-7050 TR-7-PL
|
Intersil Corporation
|
ICS8432I-101 ICS8432-101I ICS432DI101L ICS8432DI-1 |
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER From old datasheet system 700MHz, Low Phase Noise, LVPECL Frequency Synthesizer. Industrial Temperature. (P)
|
ICST[Integrated Circuit Systems]
|
LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
|
Linear Technology
|
LT6402IUD-12 LT6402IUD-12-PBF LT6402IUD-12-TR LT64 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
|
Linear Technology
|
AD8652ARMZ-R2 AD8652ARZ-REEL7 AD8651AR-REEL7 |
50 MHz/ Precision/ Low Distortion/ Low Noise CMOS Amplifiers AB 26C 26#16 SKT RECP 50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers OP-AMP, 1700 uV OFFSET-MAX, 50 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
LT1809IS6TRM LT1810CMS8TRPBF LT1810IMS8TR LT1810IS |
Single/Dual 180MHz, 350V/µs Rail-to-Rail Input and Output Low Distortion Op Amps; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C OP-AMP, 4250 uV OFFSET-MAX, 160 MHz BAND WIDTH, PDSO6 Single/Dual 180MHz, 350V/µs Rail-to-Rail Input and Output Low Distortion Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 3750 uV OFFSET-MAX, 170 MHz BAND WIDTH, PDSO8 Single/Dual 180MHz, 350V/µs Rail-to-Rail Input and Output Low Distortion Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 4250 uV OFFSET-MAX, 160 MHz BAND WIDTH, PDSO8 Single/Dual 180MHz, 350V/µs Rail-to-Rail Input and Output Low Distortion Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Single/Dual 180MHz, 350V/µs Rail-to-Rail Input and Output Low Distortion Op Amps; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Single/Dual 180MHz, 350V/µs Rail-to-Rail Input and Output Low Distortion Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ICS84330C |
700MHz, Low Jitter, LVPECL Synthesizer.
|
ICS
|
ICS8430DY-111T ICS8430-111 ICS8430DY-111 |
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
|
ICST[Integrated Circuit Systems]
|
ICS84329BYT ICS84329B ICS84329BV ICS84329BVLF ICS8 |
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
|
ICST[Integrated Circuit Systems]
|
ICS8430-111 |
700MHz, Low Jitter, LVPECL Frequency Synthesizer. (P) From old datasheet system
|
ICS
|
LTC1562ACG 1562F LTC1562C LTC1562 LTC1562AIG LTC15 |
Very Low Noise, Low Distortion Active RC Quad Universal Filter From old datasheet system Very Low Noise Low Distortion Active RC Quad Universal Filter
|
LINER[Linear Technology]
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|