PART |
Description |
Maker |
GS9008ACKAE3 |
GENLINX -TM GS9008A Cable Driver with Two Adjustable Outputs GENLINX -商标GS9008A电缆两个可调输出驱动
|
Gennum Corporation
|
74LVTH16646MEAX 74LVT16646MEAX |
8K, 1K X 8, 16B PAGE, 2.5V SER EE IND, -40C to 85C, 8-TSSOP, T/R 位总线收发 512K, 64K X 8, 2.5V SER EE, IND, -40C to 85C, 8-SOIC 208mil, T/R 位总线收发
|
TE Connectivity, Ltd. Fairchild Semiconductor, Corp.
|
GS9035ACPJ GS9035ACTJ |
GENLINX II serialdigital reclocker
|
Gennum Corporation
|
EB9024 |
GENLINX-TM II EB9024 Evaluation Board
|
GENNUM[Gennum Corporation]
|
EB9035 |
GENLINX-TM II EB9035 Evaluation Board
|
GENNUM[Gennum Corporation]
|
GS9021A GS9021ACFU |
GENLINX -TM II GS9021A EDH Coprocessor
|
GENNUM[Gennum Corporation]
|
GS9005BCPJE3 GS9005BCTJ |
GENLINX-TM GS9005B Serial Digital Receiver
|
Gennum Corporation
|
GS9002ACPM |
GENLINX-TM GS9002A Serial Digital Encoder
|
Gennum Corporation
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
MM74HC125 MM74HC126 MM74HC125SJ MM74HC125M MM74HC1 |
3-STATE Quad Buffers HC/UH SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDIP14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|