PART |
Description |
Maker |
FDD5612 |
2MM SOCKET STRIPS 60V N-Channel PowerTrench?/a> MOSFET 60V N-Channel PowerTrench⑩ MOSFET 60V N-Channel PowerTrench MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FQD30N06 FQU30N06 FQD20N06 FQU20N06 FQD30N06TF |
60V N-Channel QFET 60V N-Channel MOSFET 22.7 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
HUF76439P3 HUF76439S3S HUF76439S3ST |
71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-TSSOP -40 to 85 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 71A, 60V, 0.014Ohm, N-Channel, Logic Lvl UltraFET Power MOSFET 71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFETPower MOSFET
|
Fairchild Semiconductor, Corp. Intersil, Corp.
|
STB16NF06L STB16NF06L06 |
N-channel 60V - 0.07Ω - 16A - D2PAK STripFET Power MOSFET N-channel 60V - 0.07楼? - 16A - D2PAK STripFET垄芒 Power MOSFET N-channel 60V - 0.07ヘ - 16A - D2PAK STripFET⑩ Power MOSFET
|
STMicroelectronics
|
STN3NE06 4877 |
N-Channel 60V-0.08Ω-3A - SOT-223 STripFETTM Power MOSFET(N沟道功率MOSFE N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET N - CHANNEL 60V - 0.08W - 3A - SOT-223 STripFET] POWER MOSFET From old datasheet system
|
意法半导 STMicroelectronics
|
FDD14AN06LA0 |
N-Channel PowerTrench MOSFET 60V, 50A, 14.6mohm N-Channel Power Trench #174 MOSFET, 60V, 50A, 14mOhms
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
IRFZ44VL IRFZ44VS IRFZ44VSTRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A) (IRFZ44VL / IRFZ44VS) Power MOSFET
|
IRF[International Rectifier]
|
IRF9Z14STRL IRF9Z14L IRF9Z14STRR |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6.7A I(D) | TO-262 TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6.7A I(D) | TO-263AB 晶体管| MOSFET的| P通道| 60V的五(巴西)直| 6.7AI(四)|63AB
|
Sumida, Corp.
|
STB45NF06 |
N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFETPOWER MOSFET N沟道60V 0.022ohm - 38A条采用D2PAK STripFET⑩功率MOSFET N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET POWER MOSFET N-CHANNEL 60V 0.022OHM 38A D2PAK STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRFIZ48V IRFIZ48 IRFIZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
|
IRF[International Rectifier]
|
IRCZ34 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
|
International Rectifier
|