PART |
Description |
Maker |
IRF5Y1310CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
|
IRF[International Rectifier]
|
IRF5Y3710CM |
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.035ohm, Id=18A*) 功率MOSFET N沟道(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.035ohm,身份证\u003d 18A POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.035ohm Id=18A*) THRU-HOLE (TO-257AA) 100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
HUF76633S3S HUF76633P3 HUF76633S3ST HUF76633S3STNL |
38A,100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 39A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 39A条(丁)|63AB 38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 39 A, 100 V, 0.037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Intersil, Corp.
|
IRF5Y540CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.058ohm Id=18A*) POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.058ohm, Id=18A*)
|
IRF[International Rectifier]
|
STS3C2F100 |
N-CHANNEL 100V - 0.110 OHM - 3A SO-8 P-CHANNEL 100V - 0.320 OHM - 1.5A SO-8 COMPLEMENTARY PAIR STripFET POWER MOSFET
|
ST Microelectronics
|
FQU8P10 FQD8P10 FQD8P10TF FQD8P10TM FQU8P10TU |
100V P-Channel QFET 100V P-Channel MOSFET 6.6 A, 100 V, 0.53 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRHG7110 |
100V, 4 N-Channel Thru-Hole Radiation Hardened Power MOSFET(100V,通孔安装抗辐射功率四N沟道MOSFET)
|
International Rectifier
|
FQB19N10L FQI19N10L FQB19N10LTM |
100V Logic N-Channel MOSFET(漏源电压00V的逻辑N沟道增强型MOS场效应管) 19 A, 100 V, 0.11 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 100V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRFI9530G IRFI9530GPBF |
-100V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
|
IRF[International Rectifier]
|
IRFS59N10D IRFSL59N10D IRFB59N10D IRFB59N10 IRFS59 |
Power MOSFET(Vdss=100V/ Rds(on)max=0.025ohm/ Id=59A) Power MOSFET(Vdss=100V, Rds(on)max=0.025ohm, Id=59A) HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
IRF[International Rectifier]
|
IRF530 IRF530PBF |
14 A, 100 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET(Vdss=100V/ Rds(on)=0.16ohm/ Id=14A) Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A) 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
AM29F200B-75FC AM29F200B-75SC AM29F200B-75EC AM29F |
20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU3714Z with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7493 with Standard Packaging x8/x16 Flash EEPROM 40V Single N-Channel HEXFET Power MOSFET in a D2Pak package; A IRL1404ZS with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3803S with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF1405ZL with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL540N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR024N with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU2407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3410 with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU2407 with Standard Packaging 150V Single N-Channel Digital Audio HEXFET Power MOSFET in a TO-220AB package; A IRFB4019PBF with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1302L with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR2405 with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF630NS with Tape and Reel Right Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR7843 with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3418 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF540ZL with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF540N with Standard Packaging A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET MP, 59 Amps 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3705Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3303 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU024Z with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3704ZCS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF630NS with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFZ46ZL with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ34VS with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL7833L with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3103 with Standard Packaging 12V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7476 with Lead Free Packaging x8/x16闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7495 with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc. Aeroflex, Inc.
|
|